| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
ICE3A0365
|
1Mb / 30P |
Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004 |
|
ICE3DS01L
|
624Kb / 27P |
Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
V2.0, 15 May 2003 |
|
ICE3AS02
|
496Kb / 23P |
Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
2004-05-21 |
|
ICE3B0365J
|
487Kb / 26P |
Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006 |
|
ICE3BS02L
|
506Kb / 21P |
Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell and Latched off Mode
Version 1.1, 28 Sep 2005 |
|
ICE3B0365JG
|
487Kb / 22P |
Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006 |
|
ICE3AS03LJG
|
470Kb / 25P |
Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009 |
|
ICE3DS01L
|
712Kb / 27P |
Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.1, 15 Nov 2005 |
|
ICE3BS03LJG
|
496Kb / 25P |
Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.0, 6 Dec 2007 |
|
ICE3A1065
|
818Kb / 32P |
Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?
Version 2.3, 02 Apr 2013 |