Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F8255MLD Datasheet (PDF) - Freescale Semiconductor, Inc

MC56F8255MLD Datasheet PDF - Freescale Semiconductor, Inc
Part # MC56F8255MLD
Download  MC56F8255MLD Download
File Size   4056.31 Kbytes
Page   88 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Digital Signal Controller Battery chargers and management

MC56F8255MLD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC56F8255MLD Datasheet PDF - Freescale Semiconductor, Inc

Part # MC56F8255MLD
Download  MC56F8255MLD Click to download

File Size   4056.31 Kbytes
Page   88 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Digital Signal Controller Battery chargers and management

MC56F8255MLD Datasheet (HTML) - Freescale Semiconductor, Inc


MC56F8255MLD Product details

Digital Signal Controller



The MC56F825x/MC56F824x is a member of the 56800E core-based family of digital signal controllers (DSCs). It combines, on a single chip, the processing power of a DSP and the functionality of a microcontroller with a flexible set of peripherals to create a cost-effective solution. Because of its low cost, configuration flexibility, and compact program code, it is well-suited for many applications. The MC56F825x/MC56F824x includes many peripherals that are especially useful for cost-sensitive applications, including:



• Industrial control

• Home appliances

• Smart sensors

• Fire and security systems

• Solar inverters

• Battery chargers and management

• Switched-mode power supplies and power management

• Power metering

• Motor control (ACIM, BLDC, PMSM, SR, and stepper)

• Handheld power tools

• Arc detection

• Medical devices/equipment

• Instrumentation

• Lighting ballast



The MC56F825x/MC56F824x supports program execution from internal memories. Two data operands per instruction cycle can be accessed from the on-chip data RAM. A full set of programmable peripherals supports various applications. Each peripheral can be independently shut down to save power. Any pin, except Power pins and the Reset pin, can also be configured as General Purpose Input/Outputs (GPIOs). On-chip features include:



• 60 MHz operation frequency

• DSP and MCU functionality in a unified, C-efficient architecture

• On-chip memory

  – 56F8245/46: 48 KB (24K x 16) flash memory; 6 KB (3K x 16) unified data/program RAM

  – 56F8247: 48 KB (24K x 16) flash memory; 8 KB (4K x 16) unified data/program RAM

  – 56F8255/56/57: 64 KB (32K x 16) flash memory; 8 KB (4K x 16) unified data/program RAM

• eFlexPWM with up to 9 channels, including 6 channels with high (520 ps) resolution NanoEdge placement

• Two 8-channel, 12-bit analog-to-digital converters (ADCs) with dynamic x2 and x4  rogrammable amplifier, conversion time as short as 600 ns, and input current-injection protection

• Three analog comparators with integrated 5-bit DAC references

• Cyclic Redundancy Check (CRC) Generator

• Two high-speed queued serial communication interface (QSCI) modules with LIN slave functionality

• Queued serial peripheral interface (QSPI) module

• Two SMBus-compatible inter-integrated circuit (I2C) ports

• Freescale’s scalable controller area network (MSCAN) 2.0 A/B module

• Two 16-bit quad timers (2 x 4 16-bit timers)

• Computer operating properly (COP) watchdog module

• On-chip relaxation oscillator: 8 MHz (400 kHz at standby mode)

• Crystal/resonator oscillator

• Integrated power-on reset (POR) and low-voltage interrupt (LVI) and brown-out reset module

• Inter-module crossbar connection

• Up to 54 GPIOs

• 44-pin LQFP, 48-pin LQFP, and 64-pin LQFP packages

• Single supply: 3.0 V to 3.6 V




Similar Part No. - MC56F8255MLD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC56F82313 NXP-MC56F82313 Datasheet
433Kb / 2P
Half the power with twice the performance for energy-efficient applications
REV 0
MC56F82313VLC NXP-MC56F82313VLC Datasheet
1Mb / 68P
This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 4, 05/2020
MC56F82316 NXP-MC56F82316 Datasheet
433Kb / 2P
Half the power with twice the performance for energy-efficient applications
REV 0
MC56F82316VLF NXP-MC56F82316VLF Datasheet
1Mb / 68P
This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 4, 05/2020
MC56F82323 NXP-MC56F82323 Datasheet
433Kb / 2P
Half the power with twice the performance for energy-efficient applications
REV 0
More results


Similar Description - MC56F8255MLD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Sep-2001
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
Controller for power supply and battery management
2003 Oct 31
logo
STMicroelectronics
TSM1011_0311 STMICROELECTRONICS-TSM1011_0311 Datasheet
170Kb / 9P
Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
Nov-2003
logo
Rohm
BD5650AFVM ROHM-BD5650AFVM Datasheet
355Kb / 12P
Power Management ICs for Battery Chargers
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
Taiwan Semiconductor Co...
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
Unisonic Technologies
UC34363 UTC-UC34363 Datasheet
172Kb / 6P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONTROLLER FOR BATTERY CHARGERS
logo
Texas Instruments
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
Battery Management Controller Companion
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
Battery Management Controller Companion
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com