Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51JF128VHS Datasheet (PDF) - Freescale Semiconductor, Inc

MCF51JF128VHS Datasheet PDF - Freescale Semiconductor, Inc
Part # MCF51JF128VHS
Download  MCF51JF128VHS Download
File Size   1037.37 Kbytes
Page   71 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Advance Information Temperature range (ambient): -40째C to 105째C

MCF51JF128VHS Datasheet (PDF)

Go To PDF Page Download Datasheet
MCF51JF128VHS Datasheet PDF - Freescale Semiconductor, Inc

Part # MCF51JF128VHS
Download  MCF51JF128VHS Click to download

File Size   1037.37 Kbytes
Page   71 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Advance Information Temperature range (ambient): -40째C to 105째C

MCF51JF128VHS Datasheet (HTML) - Freescale Semiconductor, Inc


MCF51JF128VHS Product details

Features
• Operating characteristics
   – Voltage range: 1.71 V to 3.6 V
   – Flash write voltage range: 1.71 V to 3.6 V
   – Temperature range (ambient): -40°C to 105°C
• Core
   – Up to 50 MHz V1 ColdFire CPU
   – Dhrystone 2.1 performance: 1.10 DMIPS per MHz when executing from internal RAM, 0.99 DMIPS per MHz when executing from flash memory
• System
   – DMA controller with four programmable channels
   – Integrated ColdFire DEBUG_Rev_B+ interface with single-wire BDM connection
• Power management
   – 10 low power modes to provide power optimization based on application requirements
   – Low-leakage wakeup unit (LLWU)
   – Voltage regulator (VREG)
• Clocks
   – Crystal oscillators (two, each with range options): 1 kHz to 32 kHz (low), 1 MHz to 8 MHz (medium), 8 MHz to 32 MHz (high)
   – Multipurpose clock generator (MCG)
• Memories and memory interfaces
   – Flash memory, FlexNVM, FlexRAM, and RAM
   – Serial programming interface (EzPort)
   – Mini-FlexBus external bus interface
• Security and integrity
   – Hardware CRC module to support fast cyclic redundancy checks
   – Hardware random number generator (RNGB)
   – Hardware cryptographic acceleration unit (CAU)
   – 128-bit unique identification (ID) number per chip
• Analog
   – 12-bit SAR ADC
   – 12-bit DAC
   – Analog comparator (CMP) containing a 6-bit DAC and programmable reference input
   – Voltage reference (VREF)
• Timers
   – Programmable delay block (PDB)
   – Motor control/general purpose/PWM timers (FTM)
   – 16-bit low-power timers (LPTMRs)
   – 16-bit modulo timer (MTIM)
   – Carrier modulator transmitter (CMT)
• Communication interfaces
   – UARTs with Smart Card support and FIFO
   – SPI modules, one with FIFO
   – Inter-Integrated Circuit (I2C) modules
   – USB full/low speed On-the-Go controller with onchip transceiver
   – Integrated Interchip Sound (I2S) / Serial Audio Interface (SAI) to support full-duplex serial interfaces with frame sync such as AC97 and CODEC
• Human-machine interface
   – Up to 48 EGPIO pins
   – Up to 16 rapid general purpose I/O (RGPIO) pins
   – Low-power hardware touch sensor interface (TSI)
   – Interrupt request pin (IRQ)




Similar Part No. - MCF51JF128VHS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JF128VHS FREESCALE-MCF51JF128VHS Datasheet
1Mb / 73P
MCF51JF128
More results


Similar Description - MCF51JF128VHS

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
Freescale Semiconductor...
K60P121M100SF2 FREESCALE-K60P121M100SF2 Datasheet
1Mb / 72P
K60 Sub-Family Data Sheet Temperature range (ambient): -40 to 105째C
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QH128 FREESCALE-MCF51QH128 Datasheet
1,009Kb / 68P
Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QM128 FREESCALE-MCF51QM128 Datasheet
1,012Kb / 69P
Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QU128 FREESCALE-MCF51QU128 Datasheet
999Kb / 67P
Advance Information Temperature range (ambient): -40째C to 105째C
logo
Wurth Elektronik GmbH &...
744765090A WURTH-744765090A Datasheet
1Mb / 5P
Ambient temperature: -40째C to 110째C (refering to IR)
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com