Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSBBY25111E Datasheet (PDF) - OptoSupply International

OSBBY25111E Datasheet PDF - OptoSupply International
Part # OSBBY25111E
Download  OSBBY25111E Download
File Size   112.54 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Round Blue & Blue LED UV Resistant Epoxy/ Water Clear Type

OSBBY25111E Datasheet (PDF)

Go To PDF Page Download Datasheet
OSBBY25111E Datasheet PDF - OptoSupply International

Part # OSBBY25111E
Download  OSBBY25111E Click to download

File Size   112.54 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Round Blue & Blue LED UV Resistant Epoxy/ Water Clear Type

OSBBY25111E Datasheet (HTML) - OptoSupply International




Similar Part No. - OSBBY25111E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSBBY23131E OPTOSUPPLY-OSBBY23131E Datasheet
109Kb / 1P
3mm Round Blue & Blue LED 3mm Round Standard Directivity Long Lifetime Operation
More results


Similar Description - OSBBY25111E

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC503MBL1-45Q MARKTECH-LC503MBL1-45Q Datasheet
83Kb / 3P
Blue 45 5mm LED lamp with Water Clear lens.
logo
IDEA.lnc.
JRC2351 IDEA-JRC2351 Datasheet
24Kb / 1P
Blue Clear and Diffused, Water Clear LED
JRC4251 IDEA-JRC4251 Datasheet
24Kb / 1P
Blue & White LEDs, Water Clear LED
logo
OptoSupply Internationa...
OSRRJ23131A OPTOSUPPLY-OSRRJ23131A Datasheet
109Kb / 1P
3mm Round Red & Red LED UV Resistant Epoxy/ Water Clear Type High Luminous LEDs
logo
P-tec Corporation
PLLM762-WCR01 P-TEC-PLLM762-WCR01 Datasheet
836Kb / 4P
High intensity Polygonal LED lamp, 3mm round shape, UV resistant epoxy
logo
OptoSupply Internationa...
OSB5SA5111A OPTOSUPPLY-OSB5SA5111A_09 Datasheet
105Kb / 1P
5mm Round Super Blue LED
OSB64L5111A OPTOSUPPLY-OSB64L5111A Datasheet
110Kb / 1P
5mm Round Ice Blue LED
logo
STANLEY ELECTRIC CO.,LT...
DNF318U-4 STANLEY-DNF318U-4 Datasheet
181Kb / 10P
5 type, Water clear epoxy
PP801 STANLEY-PP801 Datasheet
185Kb / 9P
Concave Lenz type, Water clear epoxy
logo
LUMEX INC.
SSL-LX5093SBC LUMEX-SSL-LX5093SBC Datasheet
70Kb / 1P
QUASARBRITE T-5mm 430nm BLUE LED , WATER CLEAR LENS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com