| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTD20P06L
|
119Kb / 7P |
Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6 |
|
NTS4173P
|
114Kb / 6P |
Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0 |
|
NTGS5120P
|
112Kb / 5P |
Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0 |
|
NTS2101P
|
66Kb / 5P |
Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1 |
|
NVD5117PL
|
146Kb / 6P |
??0 V, 16 m, ??1 A, Single P?묬hannel
September, 2011 ??Rev. 0 |
|
NVTFS5124PL
|
127Kb / 6P |
Power MOSFET ??0 V, ?? A, 260 m, Single P?묬hannel
May, 2013 ??Rev. 2 |
|
NTLUS3A18PZTCG
|
153Kb / 6P |
Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3 |
|
NTDV20P06LT4G
|
156Kb / 7P |
Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6 |
|
NTMFS5113PL
|
187Kb / 7P |
Power MOSFET ??0 V, 14 m, ??4 A, Single P?묬hannel
October, 2018-Rev. 0 |
|
NTMYS7D3N04CL
|
322Kb / 7P |
Power MOSFET 40 V, 7.3 m, 52 A, Single N?묬hannel
March, 2019-Rev. 0 |