| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCP3335
|
128Kb / 8P |
High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1 |
|
NCP3335
|
267Kb / 9P |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5 |
|
NCP3335A
|
128Kb / 15P |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3 |
|
NCP3335A
|
283Kb / 21P |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4 |
 Infineon Technologies A... |
TLE4254
|
473Kb / 21P |
High Accuracy Low Dropout Voltage Tracking Regulator
Rev. 1.2, 2009-11-18 |
 Analog Devices |
ADP3301AR5
|
84Kb / 8P |
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0 |
|
ADP3301ARZ-3
|
128Kb / 8P |
High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0 |
 ON Semiconductor |
NCV4274C
|
125Kb / 13P |
400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1 |
|
NCP3335A
|
273Kb / 21P |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5 |
|
NCV8535
|
314Kb / 22P |
Ultra High Accuracy 500 mA Low Dropout Regulator
October, 2017 ??Rev. 5 |