Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1S Datasheet (PDF) - YENYO TECHNOLOGY Co., Ltd

B1S Datasheet PDF - YENYO TECHNOLOGY Co., Ltd
Part # B1S
Download  B1S Download
File Size   525.57 Kbytes
Page   2 Pages
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd
Description Surface Mount Bridge Rectifier

B1S Datasheet (PDF)

Go To PDF Page Download Datasheet
B1S Datasheet PDF - YENYO TECHNOLOGY Co., Ltd

Part # B1S
Download  B1S Click to download

File Size   525.57 Kbytes
Page   2 Pages
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd
Description Surface Mount Bridge Rectifier

B1S Datasheet (HTML) - YENYO TECHNOLOGY Co., Ltd


B1S Product details

Voltage Range 100 to 1000 V

Current 0.5 Ampere



Features

* Plastic package has Underwriters Laboratory Flammability Classification

* Saves space on printed circuit boards

* Glass passivated structure

* High surge current capability 94V-0




Similar Part No. - B1S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
B1S PANJIT-B1S Datasheet
114Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER(VOLTAGE - 100 to 1000 Volts CURRENT - 0.5 Amperes)
logo
Won-Top Electronics
B1S WTE-B1S Datasheet
57Kb / 3P
0.5A MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Bytes
B1S BYTES-B1S Datasheet
221Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dc Components
B1S DCCOM-B1S Datasheet
362Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE MINI SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
B1S FORMOSA-B1S Datasheet
69Kb / 2P
Glass passivated type
More results


Similar Description - B1S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
U01501BRM PANJIT-U01501BRM Datasheet
145Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIER
logo
MAKO SEMICONDUCTOR CO.,...
MB2F MAKOSEMI-MB2F Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
MB05 MAKOSEMI-MB05 Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
MB8F MAKOSEMI-MB8F Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2_15 Datasheet
135Kb / 2P
Surface Mount Bridge-Rectifier
DB101S DACHANG-DB101S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
DB151S DACHANG-DB151S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S_13 Datasheet
91Kb / 5P
Surface Mount Bridge Rectifier
19-Aug-13
logo
GUANGDONG HOTTECH INDUS...
DB101S HOTTECH-DB101S Datasheet
160Kb / 2P
Surface Mount Bridge Rectifier
logo
Shanghai Leiditech Elec...
MB105F-S LEIDITECH-MB105F-S Datasheet
729Kb / 3P
Surface mount bridge rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com