Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA3727G Datasheet (PDF) - Infineon Technologies AG

TCA3727G Datasheet PDF - Infineon Technologies AG
Part # TCA3727G
Download  TCA3727G Download
File Size   539.17 Kbytes
Page   23 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 2-phase Stepper Motor Driver Bipolar IC

TCA3727G Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA3727G Datasheet PDF - Infineon Technologies AG

Part # TCA3727G
Download  TCA3727G Click to download

File Size   539.17 Kbytes
Page   23 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 2-phase Stepper Motor Driver Bipolar IC

TCA3727G Datasheet (HTML) - Infineon Technologies AG


TCA3727G Product details

Description

TCA 3727 is a bipolar, monolithic IC for driving bipolar stepper motors, DC motors and other inductive loads that operate on constantcurrent. The control logic and power output stages for two bipolar windings are integrated on a single chip which permits switched current control of

motors with 0.75 A per phase at operating voltages up to 50 V.



Features

•2 ×0.75 amp. / 50 V outputs

• Integrated driver, control logic and current control (chopper)

• Fast free-wheeling diodes

• Max. supply voltage 52 V

• Outputs free of crossover current

• Offset-phase turn-ON of output stages

• Z-diode for logic supply

• Low standby-current drain

• Full, half, quarter, mini step

 




Similar Part No. - TCA3727G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA3727G SIEMENS-TCA3727G Datasheet
365Kb / 27P
2-Phase Stepper-Motor Driver
logo
Infineon Technologies A...
TCA3727G INFINEON-TCA3727G Datasheet
615Kb / 29P
2-Phase Stepper-Motor Driver Bipolar IC
Rev. 2.0, 2004-10-01
More results


Similar Description - TCA3727G

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
2-PHASE STEPPER MOTOR DRIVER
logo
Sanken electric
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
2-Phase Stepper Motor Unipolar Driver IC
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4729-G INFINEON-TLE4729-G Datasheet
188Kb / 27P
2-Phase Stepper-Motor Driver Bipolar-IC
2001-04-09
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TCA3727 INFINEON-TCA3727 Datasheet
615Kb / 29P
2-Phase Stepper-Motor Driver Bipolar IC
Rev. 2.0, 2004-10-01
TLE4729G INFINEON-TLE4729G_08 Datasheet
697Kb / 29P
2-Phase Stepper-Motor Driver Bipolar-IC
V1.2, 2008-03-18
logo
ON Semiconductor
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
2-phase Stepper Motor Driver
January, 2014 Ver. 2
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com