Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21090 Datasheet (PDF) - Intersil Corporation

ISL21090 Datasheet PDF - Intersil Corporation
Part # ISL21090
Download  ISL21090 Download
File Size   766.95 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA

ISL21090 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21090 Datasheet PDF - Intersil Corporation

Part # ISL21090
Download  ISL21090 Click to download

File Size   766.95 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA

ISL21090 Datasheet (HTML) - Intersil Corporation


ISL21090 Product details

Ultra Low Noise, Precision Voltage Reference

The ISL21090 is a ultra low noise, high DC accuracy precision voltage reference with wide input voltage range. The ISL21090 uses the new Intersil Advanced Bipolar technology to achieve sub 1.0µVP-P (1.25V option) 0.1Hz to 10Hz noise with an initial voltage accuracy of 0.02% (2.5V option).

Features
• Reference output voltage option
    - 1.25V, 2.5V, 5.0V and 7.5V
• Initial accuracy:
    - ISL21090-12 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.03%
    - ISL21090-25 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.02%
    - ISL21090-50 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.025%
    - ISL21090-75 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.035%
• Output voltage noise (0.1Hz to 10Hz) . . . . . . . . . . . . 1.0µVP-P typ (1.25V option)
• Supply current . . . . . . . . . . . . . . . . . . . . 750µA (1.25V option)
• Temperature coefficient . . . . . . . . . . . . . . . . . . 7ppm/°C max
• Output current capability . . . . . . . . . . . . . . . . . . . . . . . . 20mA
• Line regulation . . . . . . . . . . . . . . . . . . .6ppm/V (1.25V option)
• Load regulation . . . . . . . . . . . . . . 2.5ppm/mA (1.25V option)
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C

Applications
• High-end instrumentation
• Precision voltage sources for data acquisition system, industrial control, communication infrastructure
• Process control and instrumentations
• Active source for sensors




Similar Part No. - ISL21090

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090AFB825Z-TK INTERSIL-ISL21090AFB825Z-TK Datasheet
1Mb / 13P
Ultra Low Noise, Precision Voltage Reference
November 21, 2012
ISL21090B INTERSIL-ISL21090B Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
More results


Similar Description - ISL21090

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
Ultra Low Noise, Precision Voltage Reference
November 21, 2012
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
Ultra Low Noise, Precision Voltage Reference
November 21, 2012
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
February 27, 2013
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com