Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1085IG Datasheet (PDF) - Seme LAB

LT1085IG Datasheet PDF - Seme LAB
Part # LT1085IG
Download  LT1085IG Download
File Size   31.95 Kbytes
Page   3 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description 3 AMP POSITIVE VOLTAGE REGULATOR

LT1085IG Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1085IG Datasheet PDF - Seme LAB

Part # LT1085IG
Download  LT1085IG Click to download

File Size   31.95 Kbytes
Page   3 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description 3 AMP POSITIVE VOLTAGE REGULATOR

LT1085IG Datasheet (HTML) - Seme LAB


LT1085IG Product details

DESCRIPTION
The LT1085 voltage regulators are monolithic inte grated circuits designed for use in applications requiring a well regulated positive output voltage with low input-output differential voltage.
Features include full power usage of up to 3A load current, internal current limiting and thermal shutdown. Safe area protection on the die is also included, providing protection of the series pass Darlington transistor under most conditions.
The hermetically sealed TO–3 packages are utilised for high reliablitiy and low thermal resistance, whilst the SMD1 package is designed for surface mount applications.

FEATURES
• Low Dropout Performance
• Fixed or Adjustable Voltages
• Fixed Output Voltages of 3.3V, 5V & 12V
• Adjustable Output Voltage Range From 1.2V
• Line Regulation 0.015% / V Typical.
• Load Regulation 0.01% Typical.
• Available in Hermetically Sealed TO–3, SMD1 and TO–257 (isolated & non-isolated) Packages.
• Military Temperature Range (–55 to +150°C)




Similar Part No. - LT1085IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1085IM LINER-LT1085IM Datasheet
187Kb / 12P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1085IM-3.6 LINEAR-LT1085IM-3.6 Datasheet
142Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1085IM-3.6 LINER-LT1085IM-3.6 Datasheet
148Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IM-3.6 LINER-LT1085IM-3.6 Datasheet
148Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IM-3.6 LINER-LT1085IM-3.6 Datasheet
251Kb / 18P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results


Similar Description - LT1085IG

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085M SEME-LAB-LT1085M Datasheet
31Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085 SEMTECH-EZ1085_06 Datasheet
155Kb / 6P
3 Amp Positive Voltage Regulator
EZ1587C SEMTECH-EZ1587C_06 Datasheet
156Kb / 6P
3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
LM1085G SEME-LAB-LM1085G Datasheet
38Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
3 Amp Positive Voltage Regulator
EZ1587C SEMTECH-EZ1587C Datasheet
159Kb / 6P
3 Amp Positive Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com