Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2798A Datasheet (PDF) - Bel Fuse Inc.

2798A Datasheet PDF - Bel Fuse Inc.
Part # 2798A
Download  2798A Download
File Size   41.08 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Dual S Interface Transformers

2798A Datasheet (PDF)

Go To PDF Page Download Datasheet
2798A Datasheet PDF - Bel Fuse Inc.

Part # 2798A
Download  2798A Click to download

File Size   41.08 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Dual S Interface Transformers

2798A Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - 2798A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2798A BEL-2798A Datasheet
39Kb / 2P
ISDN MAGNETICS Dual S Interface Transformers
More results


Similar Description - 2798A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT-S300C ETC1-LT-S300C Datasheet
34Kb / 1P
ISDN S -Interface Transformers
logo
Bel Fuse Inc.
2798A BEL-2798A Datasheet
39Kb / 2P
ISDN MAGNETICS Dual S Interface Transformers
2800A BEL-2800A Datasheet
45Kb / 2P
ISDN MAGNETICS Dual S Interface Transformers
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550 Datasheet
38Kb / 1P
ISDN S-Interface Transformers
3/24/94
T-13550 RHOMBUS-IND-T-13550 Datasheet
40Kb / 1P
ISDN S-Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1226 PCA-EPR1226 Datasheet
109Kb / 1P
ISDN-S Interface Transformers
EPR1251G PCA-EPR1251G Datasheet
89Kb / 1P
ISDN-S Interface Dual Transformers
EPR1261G PCA-EPR1261G Datasheet
43Kb / 1P
ISDN-S Interface Dual Transformers
EPR1270G PCA-EPR1270G Datasheet
27Kb / 1P
ISDN-S Interface Dual Transformers
logo
XFMRS Inc.
XF0023-01GD XFMRS-XF0023-01GD Datasheet
51Kb / 1P
ISDN S-INTERFACE TRANSFORMERS
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com