Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSL Datasheet (PDF) - fujitsu semiconductor

JSL Datasheet PDF - fujitsu semiconductor
Part # JSL
Download  JSL Download
File Size   387.84 Kbytes
Page   6 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description POWER RELAY 1 POLE - 8A Polarized Latching Type

JSL Datasheet (PDF)

Go To PDF Page Download Datasheet
JSL Datasheet PDF - fujitsu semiconductor

Part # JSL
Download  JSL Click to download

File Size   387.84 Kbytes
Page   6 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description POWER RELAY 1 POLE - 8A Polarized Latching Type

JSL Datasheet (HTML) - fujitsu semiconductor




Similar Part No. - JSL

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
JSL FUJITSU-JSL Datasheet
974Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
FCL COMPONENTS LIMITED
JSL FCL-JSL Datasheet
411Kb / 7P
1 POLE - 8A Polarized Latching Type
Rev. April 22, 2025.
JSL-( )MN-K FCL-JSL-( )MN-K Datasheet
411Kb / 7P
1 POLE - 8A Polarized Latching Type
Rev. April 22, 2025.
JSL-( )N-K FCL-JSL-( )N-K Datasheet
411Kb / 7P
1 POLE - 8A Polarized Latching Type
Rev. April 22, 2025.
logo
fujitsu semiconductor
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
POWER RELAY 1 POLE - 8A Polarized Latching Type
More results


Similar Description - JSL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
MICROMINIATURE POLARIZED LATCHING RELAY
logo
fujitsu semiconductor
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
POWER RELAY 2 POLES - 8A Polarized Latching Relay
JSL FUJITSU-JSL Datasheet
974Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
POWER RELAY 1 POLE - 8A Polarized Latching Type
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
POWER RELAY 1 POLE - 25A Latching Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
POWER RELAY 1 POLE - 25A - Latching relay
logo
Tyco Electronics
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
MICROMINIATURE POLARIZED LATCHING RELAY
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com