Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14C256I Datasheet (PDF) - Cypress Semiconductor

CY14C256I Datasheet PDF - Cypress Semiconductor
Part # CY14C256I
Download  CY14C256I Download
File Size   2346.19 Kbytes
Page   41 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock Full-featured RTC

CY14C256I Datasheet (PDF)

Go To PDF Page Download Datasheet
CY14C256I Datasheet PDF - Cypress Semiconductor

Part # CY14C256I
Download  CY14C256I Click to download

File Size   2346.19 Kbytes
Page   41 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock Full-featured RTC

CY14C256I Datasheet (HTML) - Cypress Semiconductor


CY14C256I Product details

Overview

The Cypress CY14C256I/CY14B256I/CY14E256I combines a 256-Kbit nvSRAM

[1] with a full-featured RTC in a monolithic integrated circuit with serial I2C interface. The memory is organized as 64 K words of 8 bits each. The embedded nonvolatile elements incorporate the QuantumTrap technology, creating the world’s most reliable nonvolatile memory. The SRAM provides infinite readand write cycles, while the QuantumTrap cells provide highly reliable nonvolatile storage of data. Data transfers from SRAM to the nonvolatile elements

(STORE operation) takes place automatically at power-down. On power-up, data is restored to the SRAM from the nonvolatile memory (RECALL operation). The STORE and RECALL operations can also be initiated by the user through I2C commands.



Features

■256-Kbit nonvolatile static random access memory (nvSRAM)

❐Internally organized as 32 K × 8

❐STORE  to QuantumTrap  nonvolatile elements initiated

automatically on power-down (AutoStore) or by using I2C command (Software STORE) or HSBpin (Hardware STORE)

❐RECALL  to SRAM initiated on power-up (Power-Up RECALL) or by I2C command (Software RECALL)

❐Automatic STORE on power-down with a small capacitor

■High reliability

❐Infinite read, write, and RECALL cycles

❐1 million STORE cycles to QuantumTrap

❐Data retention: 20 years at 85 °C

■Real Time Clock (RTC)

❐Full-featured RTC

❐Watchdog timer

❐Clock alarm with programmable interrupts

❐Backup power fail indication

❐Square wave output with programmable frequency (1 Hz, 512 Hz, 4096 Hz, 32.768 kHz)

❐Capacitor or battery backup for RTC

❐Backup current of 0.45 µA (typical)

■High-speed I2C interface

❐Industry standard 100 kHz and 400 kHz speed

❐Fast mode Plus 1 MHz speed

❐High speed: 3.4 MHz

❐Zero cycle delay reads and writes

■Write protection

❐Hardware protection using Write Protect (WP) pin

❐Software block protection for one-quarter, one-half, or entire array

■I2C access to special functions

❐Nonvolatile STORE/RECALL

❐8-byte serial number

❐Manufacturer ID and Product ID

❐Sleep mode

■Low power consumption

❐Average active current of 1 mA at 3.4 MHz operation

❐Average standby mode current of 250 µA

❐Sleep mode current of 8 µA

■Industry standard configurations

❐Operating voltages:

• CY14C256I: VCC= 2.4 V to 2.6 V

• CY14B256I: VCC= 2.7 V to 3.6 V

• CY14E256I: VCC= 4.5 V to 5.5 V

❐Industrial temperature

❐16-pin small outline integrated circuit (SOIC) package

❐Restriction of hazardous substances (RoHS) compliant



 




Similar Part No. - CY14C256I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C256I CYPRESS-CY14C256I Datasheet
2Mb / 41P
256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C256I CYPRESS-CY14C256I_12 Datasheet
2Mb / 40P
256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C256I CYPRESS-CY14C256I_13 Datasheet
2Mb / 41P
256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results


Similar Description - CY14C256I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256P CYPRESS-CY14B256P Datasheet
2Mb / 36P
256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
CY14B256P_1106 CYPRESS-CY14B256P_1106 Datasheet
1Mb / 36P
256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512PA CYPRESS-CY14C512PA Datasheet
1Mb / 43P
512-Kbit (64 K x 8) SPI nvSRAM with Real Time Clock Full-featured RTC
CY14C256I CYPRESS-CY14C256I_12 Datasheet
2Mb / 40P
256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256P CYPRESS-CY14B256P_13 Datasheet
2Mb / 37P
256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C256I CYPRESS-CY14C256I_13 Datasheet
2Mb / 41P
256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com