Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KF1N60I Datasheet (PDF) - KEC(Korea Electronics)

KF1N60I Datasheet PDF - KEC(Korea Electronics)
Part # KF1N60I
Download  KF1N60I Download
File Size   346.28 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description DPAK(1) PACKAGE

KF1N60I Datasheet (PDF)

Go To PDF Page Download Datasheet
KF1N60I Datasheet PDF - KEC(Korea Electronics)

Part # KF1N60I
Download  KF1N60I Click to download

File Size   346.28 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description DPAK(1) PACKAGE

KF1N60I Datasheet (HTML) - KEC(Korea Electronics)


KF1N60I Product details

General Description
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for switching mode power supplies.

FEATURES
• VDSS= 600V, ID= 1A
• RDS(ON)=10Ω (Max) @VGS = 10V
• Qg(typ) = 4.0nC
• EAS=45mJ




Similar Part No. - KF1N60I

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF1N60I KEC-KF1N60I Datasheet
614Kb / 6P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF1N60I KEC-KF1N60I Datasheet
923Kb / 6P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - KF1N60I

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
B3A45VD KEC-B3A45VD Datasheet
8Kb / 1P
DPAK PACKAGE
KMB030N30D KEC-KMB030N30D Datasheet
368Kb / 1P
DPAK PACKAGE
logo
Alpha & Omega Semicondu...
AOD4158P AOSMD-AOD4158P Datasheet
87Kb / 1P
TO252(DPAK) PACKAGE MARKING DESCRIPTION
AOD2544 AOSMD-AOD2544 Datasheet
84Kb / 1P
TO252(DPAK) PACKAGE MARKING DESCRIPTION
AOD522P AOSMD-AOD522P Datasheet
85Kb / 1P
TO252(DPAK) PACKAGE MARKING DESCRIPTION
AOD474B AOSMD-AOD474B Datasheet
96Kb / 1P
DPAK (TO-251) PACKAGE MARKING DESCRIPTION
AOD4T60 AOSMD-AOD4T60 Datasheet
85Kb / 1P
TO252(DPAK) PACKAGE MARKING DESCRIPTION
AOD5B65N1 AOSMD-AOD5B65N1 Datasheet
20Kb / 1P
TO252(DPAK) PACKAGE MARKING DESCRIPTION
logo
Ohmite Mfg. Co.
RES-TDH35 OHMITE-RES-TDH35 Datasheet
357Kb / 2P
SMD - DPAK package configu-ration
logo
STMicroelectronics
Z0402MB STMICROELECTRONICS-Z0402MB Datasheet
659Kb / 11P
4 A - Triac in DPAK package
02-Sep-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com