Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SER3313 Datasheet (PDF) - Epson ToYoCom

SER3313 Datasheet PDF - Epson ToYoCom
Part # SER3313
Download  SER3313 Download
File Size   258.12 Kbytes
Page   1 Pages
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom
Description CYLINDER

SER3313 Datasheet (PDF)

Go To PDF Page Download Datasheet
SER3313 Datasheet PDF - Epson ToYoCom

Part # SER3313
Download  SER3313 Click to download

File Size   258.12 Kbytes
Page   1 Pages
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom
Description CYLINDER

SER3313 Datasheet (HTML) - Epson ToYoCom


SER3313 Product details

kHz RANGE CRYSTAL UNIT CYLINDER

C - TYPE
C - 2 - TYPE / C - 4 - TYPE

• Frequency range : 32.768 kHz (20 kHz to 307.2 kHz)
• Thickness : φ1.2 mm to φ3.1 mm
• Overtone order : Fundamental / Overtone(192 kHz,307.2 kHz)
• Applications : Clock and Microcomputer




Similar Part No. - SER3313

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER3018H COILCRAFT-SER3018H Datasheet
522Kb / 3P
Mounting plate with three pads for excellent board adhesion
SER3018H-103KE COILCRAFT-SER3018H-103KE Datasheet
522Kb / 3P
Mounting plate with three pads for excellent board adhesion
SER3018H-153KE COILCRAFT-SER3018H-153KE Datasheet
522Kb / 3P
Mounting plate with three pads for excellent board adhesion
SER3018H-332KE COILCRAFT-SER3018H-332KE Datasheet
522Kb / 3P
Mounting plate with three pads for excellent board adhesion
SER3018H-472KE COILCRAFT-SER3018H-472KE Datasheet
522Kb / 3P
Mounting plate with three pads for excellent board adhesion
More results


Similar Description - SER3313

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
CA-301 EPSONTOYOCOM-CA-301 Datasheet
288Kb / 2P
CYLINDER
CA-301 EPSONTOYOCOM-CA-301_10 Datasheet
202Kb / 1P
CYLINDER
logo
Festo Corporation.
EGZ-6-15 FESTO-EGZ-6-15 Datasheet
109Kb / 1P
Cartridge cylinder
EGZ-10-5 FESTO-EGZ-10-5 Datasheet
109Kb / 1P
Cartridge cylinder
CRDSNU-B-16-100-P-A-MG-A1 FESTO-CRDSNU-B-16-100-P-A-MG-A1 Datasheet
84Kb / 1P
ISO cylinder
8073980 FESTO-8073980 Datasheet
87Kb / 1P
ISO cylinder
2159637 FESTO-2159637 Datasheet
85Kb / 1P
ISO cylinder
2159639 FESTO-2159639 Datasheet
86Kb / 1P
ISO cylinder
2176402 FESTO-2176402 Datasheet
87Kb / 1P
Round cylinder
8073984 FESTO-8073984 Datasheet
84Kb / 1P
Round cylinder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com