Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5510P Datasheet (PDF) - Fuji Electric

FA5510P Datasheet PDF - Fuji Electric
Part # FA5510P
Download  FA5510P Download
File Size   1023.1 Kbytes
Page   23 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description PUJI Power Supply Controllc

FA5510P Datasheet (PDF)

Go To PDF Page Download Datasheet
FA5510P Datasheet PDF - Fuji Electric

Part # FA5510P
Download  FA5510P Click to download

File Size   1023.1 Kbytes
Page   23 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description PUJI Power Supply Controllc

FA5510P Datasheet (HTML) - Fuji Electric


FA5510P Product details

■ Description
The FA551X series are the PWM type switching power supply control ICs that can directly drive power MOSFET. These ICs use a CMOS device with high dielectric strength (30V) to implement low power consumption. These ICs contain many function in a small 8-pin package. With these ICs, a high performance and compact power supply can be created because not many external discrete components are needed.

■ Features
• Lowcurrent consumption by CMOS process with high dielectric strength (30V)
• Standby current of 2µA or less (at Vcc=14V), and operating current of 1.5mA (typ)
• Overvoltage protection function detecting the Vcc voltage
• Adrive circuit for connecting a power MOSFET directly
• Output peak current: ±1.5A
• Pulse-by-pulse overcurrent limiting function
• Overload protection function (latch or non-latch mode selectable)
• Output ON-OFF function by external signal
• Latch-mode overvoltage shutdown function
• Undervoltage lockout function (16.5V ON / 9V OFF)
• Reference voltage output (5V)
• 8-pin package (DIP/SOP)




Similar Part No. - FA5510P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA5510P ETC1-FA5510P Datasheet
259Kb / 22P
CMOS IC For Switching Power Supply Control
More results


Similar Description - FA5510P

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3641P FUJI-FA3641P_00 Datasheet
1,014Kb / 24P
PUJI Power Supply Controllc
FA3687V FUJI-FA3687V Datasheet
373Kb / 25P
FUJI Power Supply Controllc
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com