Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG05GBUSC Datasheet (PDF) - KEC(Korea Electronics)

PG05GBUSC Datasheet PDF - KEC(Korea Electronics)
Part # PG05GBUSC
Download  PG05GBUSC Download
File Size   36.13 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description Single Line TVS Diode for ESD Protection in Portable Electronics

PG05GBUSC Datasheet (PDF)

Go To PDF Page Download Datasheet
PG05GBUSC Datasheet PDF - KEC(Korea Electronics)

Part # PG05GBUSC
Download  PG05GBUSC Click to download

File Size   36.13 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description Single Line TVS Diode for ESD Protection in Portable Electronics

PG05GBUSC Datasheet (HTML) - KEC(Korea Electronics)


PG05GBUSC Product details

Protection in Portable Electronics Applications.

FEATURES
• 350 Watts peak pulse power (tp=8/20μ s)
• Transient protection for data lines to
   IEC61000-4-2(ESD) 15kV(Air), 8kV(Contact)
   IEC61000-4-4(EFT) 40A(tp=5/50ns)
   IEC61000-4-5(Lightning) 24A(tp=8/20μ s)
• Bidirectional Type Pin Configuration Structure.
• Small package for use in portable electronics.
• Suitable replacement for Multi-Layer Varistors in ESD protection applications.
• Protects on I/O or power line.
• Low clamping voltage.
• Low leakage current.
• Suffix U : Qualified to AEC-Q101.
                  ex) PG05GBUSC-RTK/HU

APPLICATIONS
• Cell phone handsets and accessories.
• Microprocessor based equipment.
• Personal digital assistants (PDA’s)
• Notebooks, desktops, & servers.
• Portable instrumentation.
• Pagers peripherals.




Similar Part No. - PG05GBUSC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05GBUSC KEC-PG05GBUSC_15 Datasheet
539Kb / 2P
Protection in Portable Electronics
More results


Similar Description - PG05GBUSC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
SD05C SEMTECH-SD05C Datasheet
143Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
KEC(Korea Electronics)
PG05UBUL2 KEC-PG05UBUL2 Datasheet
52Kb / 3P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC Datasheet
35Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG24FSUSC KEC-PG24FSUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG05TBUL2 KEC-PG05TBUL2 Datasheet
472Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com