Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS-120 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

MPS-120 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # MPS-120
Download  MPS-120 Download
File Size   317.31 Kbytes
Page   3 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 1~4 Output Medical Type

MPS-120 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPS-120 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # MPS-120
Download  MPS-120 Click to download

File Size   317.31 Kbytes
Page   3 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 1~4 Output Medical Type

MPS-120 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


MPS-120 Product details

120W Medical series



Features

• Universal AC input / Full range

• Low leakage current <180 A

• Protections: Short circuit / Overload / Over voltage

• UL60601-1 medical safety approved

• With power good and fail signal output (Optional)

• 100% full load burn-in test

• Fixed switching frequency at 45KHz

• 3 years warranty



 




Similar Part No. - MPS-120

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPS-120 ASTRODYNE-MPS-120 Datasheet
390Kb / 3P
120W 1~4 Output for Medical Type
MPS-120-12 ASTRODYNE-MPS-120-12 Datasheet
390Kb / 3P
120W 1~4 Output for Medical Type
logo
Mean Well Enterprises C...
MPS-120-12 MEANWELL-MPS-120-12 Datasheet
281Kb / 3P
1~4 Output Medical Type
logo
XP Power Limited
MPS-120-12 XPPOWER-MPS-120-12 Datasheet
290Kb / 3P
1~4 Output Medical Type
logo
Mean Well Enterprises C...
MPS-120-12 MEANWELL-MPS-120-12 Datasheet
283Kb / 3P
1~4 Output Medical Type
More results


Similar Description - MPS-120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MPD-120 MEANWELL-MPD-120 Datasheet
281Kb / 3P
1~4 Output Medical Type
MPD-200 MEANWELL-MPD-200 Datasheet
323Kb / 4P
1~4 Output Medical Type
logo
XP Power Limited
MPS-120-3.3 XPPOWER-MPS-120-3.3 Datasheet
290Kb / 3P
1~4 Output Medical Type
logo
Mean Well Enterprises C...
MPD-120 MEANWELL-MPD-120_11 Datasheet
283Kb / 3P
1~4 Output Medical Type
MPD-200 MEANWELL-MPD-200_10 Datasheet
325Kb / 4P
1~4 Output Medical Type
MPQ-120 MEANWELL-MPQ-120 Datasheet
283Kb / 3P
1~4 Output Medical Type
MPQ-200 MEANWELL-MPQ-200 Datasheet
325Kb / 4P
1~4 Output Medical Type
MPT-120 MEANWELL-MPT-120 Datasheet
289Kb / 3P
1~4 Output Medical Type
MPT-200 MEANWELL-MPT-200 Datasheet
325Kb / 4P
1~4 Output Medical Type
MPQ-200 MEANWELL-MPQ-200_12 Datasheet
341Kb / 4P
1~4 Output Medical Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com