Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF20D300D2 Datasheet (PDF) - KODENSHI_AUK CORP.

SF20D300D2 Datasheet PDF - KODENSHI_AUK CORP.
Part # SF20D300D2
Download  SF20D300D2 Download
File Size   253.12 Kbytes
Page   5 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description 300V, 20A ULTRAFAST DUAL RECTIFIERS

SF20D300D2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF20D300D2 Datasheet PDF - KODENSHI_AUK CORP.

Part # SF20D300D2
Download  SF20D300D2 Click to download

File Size   253.12 Kbytes
Page   5 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description 300V, 20A ULTRAFAST DUAL RECTIFIERS

SF20D300D2 Datasheet (HTML) - KODENSHI_AUK CORP.




Similar Part No. - SF20D300D2

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF20D200D2 KODENSHI-SF20D200D2 Datasheet
284Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
SF20D400D2 KODENSHI-SF20D400D2 Datasheet
241Kb / 5P
Ultrafast Dual Common-Cathode Rectifier
SF20D400SD2 KODENSHI-SF20D400SD2 Datasheet
215Kb / 5P
Ultrafast Dual Common-Cathode Rectifier
20-APR-12
SF20D600D2 KODENSHI-SF20D600D2 Datasheet
255Kb / 5P
600V, 20A ULTRAFAST DUAL RECTIFIERS
logo
Diodes Incorporated
SF20DG DIODES-SF20DG Datasheet
62Kb / 2P
2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. A-2
More results


Similar Description - SF20D300D2

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF10A300HPI KODENSHI-SF10A300HPI Datasheet
284Kb / 5P
300V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A300HPR KODENSHI-SF10A300HPR Datasheet
289Kb / 5P
300V, 10A ULTRAFAST DUAL RECTIFIERS
SF10D300D2 KODENSHI-SF10D300D2 Datasheet
256Kb / 5P
300V, 10A ULTRAFAST DUAL RECTIFIERS
SF20A300HPI KODENSHI-SF20A300HPI Datasheet
295Kb / 5P
300V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A300HZ2 KODENSHI-SF20A300HZ2 Datasheet
226Kb / 5P
300V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O042-001 KODENSHI-KSD-D0O042-001 Datasheet
232Kb / 5P
300V, 20A ULTRAFAST DUAL RECTIFIERS
SF10A300HPI KODENSHI-SF10A300HPI Datasheet
301Kb / 5P
300V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A300HPR-1 KODENSHI-SF10A300HPR-1 Datasheet
289Kb / 5P
300V, 10A ULTRAFAST DUAL RECTIFIERS
SF10D300D2-1 KODENSHI-SF10D300D2-1 Datasheet
256Kb / 5P
300V, 10A ULTRAFAST DUAL RECTIFIERS
SF20A300HPI-1 KODENSHI-SF20A300HPI-1 Datasheet
295Kb / 5P
300V, 20A ULTRAFAST DUAL RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com