Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN7806D Datasheet (PDF) - KODENSHI_AUK CORP.

SN7806D Datasheet PDF - KODENSHI_AUK CORP.
Part # SN7806D
Download  SN7806D Download
File Size   588.26 Kbytes
Page   18 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description 3 Terminal 1A Positive Voltage Regulator

SN7806D Datasheet (PDF)

Go To PDF Page Download Datasheet
SN7806D Datasheet PDF - KODENSHI_AUK CORP.

Part # SN7806D
Download  SN7806D Click to download

File Size   588.26 Kbytes
Page   18 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description 3 Terminal 1A Positive Voltage Regulator

SN7806D Datasheet (HTML) - KODENSHI_AUK CORP.


SN7806D Product details

Description

The SN78xxx series are three-terminal positive regulators providing over 1A output current with internal current limiting, thermal shutdown and safe area protection. These regulators are useful in a wide range of applications. Although they are just fixed voltage regulators, the SN78xxx series can be used with external components to obtain adjustable voltages and Currents.



Features and Benefits

◈ Output Current up to 1.0A

◈ Output Voltage : 5, 6, 8, 9, 10, 12, 15, 18, 24V

◈ Built in OVP, CLP circuit.

◈ Built in TSD Protection.

◈ Output Transistor Safe Area Protection.

◈ Ultra High level of ESD [ Built in ESD Protection Cell ]

    MM : 500V / HBM 5KV



Application

◈ Consumer and personal electronics

◈ SMPS post-regulator / dc-to-dc modules

◈ High-efficiency linear power supplies




Similar Part No. - SN7806D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN7806BDJ KODENSHI-SN7806BDJ Datasheet
1Mb / 18P
3 Terminal 1A Positive Voltage Regulator
SN7806BPI KODENSHI-SN7806BPI Datasheet
1Mb / 18P
3 Terminal 1A Positive Voltage Regulator
More results


Similar Description - SN7806D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com