Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA3350F Datasheet (PDF) - KODENSHI_AUK CORP.

STA3350F Datasheet PDF - KODENSHI_AUK CORP.
Part # STA3350F
Download  STA3350F Download
File Size   383.66 Kbytes
Page   6 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description PNP Silicon Transistor

STA3350F Datasheet (PDF)

Go To PDF Page Download Datasheet
STA3350F Datasheet PDF - KODENSHI_AUK CORP.

Part # STA3350F
Download  STA3350F Click to download

File Size   383.66 Kbytes
Page   6 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description PNP Silicon Transistor

STA3350F Datasheet (HTML) - KODENSHI_AUK CORP.


STA3350F Product details

Features
• Low saturation voltage: VCE(sat)=-0.15V Typ. @ IC=-1A, IB=-50mA
• Large collector current capacity: IC=-3A
• Small and compact SMD type package
• Complementary pair with STC4350F
• “Green” device and RoHS compliant device
• Available in full lead (Pb)-free device

Applications
• Power amplifier application
• High current switching application




Similar Part No. - STA3350F

ManufacturerPart #DatasheetDescription
logo
AUK corp
STA3350F AUK-STA3350F Datasheet
360Kb / 4P
PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
STA3350F KODENSHI-STA3350F Datasheet
383Kb / 6P
PNP Silicon Transistor
More results


Similar Description - STA3350F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com