Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC4350F Datasheet (PDF) - KODENSHI_AUK CORP.

STC4350F Datasheet PDF - KODENSHI_AUK CORP.
Part # STC4350F
Download  STC4350F Download
File Size   383.84 Kbytes
Page   6 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description NPN Silicon Transistor

STC4350F Datasheet (PDF)

Go To PDF Page Download Datasheet
STC4350F Datasheet PDF - KODENSHI_AUK CORP.

Part # STC4350F
Download  STC4350F Click to download

File Size   383.84 Kbytes
Page   6 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description NPN Silicon Transistor

STC4350F Datasheet (HTML) - KODENSHI_AUK CORP.


STC4350F Product details

Features
• Low saturation voltage: VCE(sat)=0.15V Typ.
   @ IC=1A, IB=50mA
• Large collector current capacity: IC=3A
• Small and compact SMD type package
• Complementary pair with STA3350F
• “Green” device and RoHS compliant device
• Available in full lead (Pb)-free device

Applications
• Power amplifier application
• High current switching application




Similar Part No. - STC4350F

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC4350F AUK-STC4350F Datasheet
296Kb / 4P
NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC4350F KODENSHI-STC4350F Datasheet
391Kb / 6P
NPN Silicon Transistor
More results


Similar Description - STC4350F

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com