| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX1034
|
832Kb / 31P |
8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05 |
|
MAX1032
|
724Kb / 31P |
8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06 |
|
MAX1302
|
1Mb / 31P |
8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05 |
|
MAX1300
|
1,017Kb / 32P |
8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 2; 6/10 |
|
MAX1032_1112
|
1Mb / 32P |
8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11 |
|
MAX1034
|
431Kb / 31P |
8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12 |
|
MAX1302
|
625Kb / 31P |
8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12 |
|
MAX1303
|
509Kb / 29P |
4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12 |
|
MAX1032
|
904Kb / 32P |
8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013 |
|
MAX1300
|
2Mb / 31P |
8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011 |