| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
QO2110VH
|
141Kb / 3P |
Mini CB, QO, 110 A, 2P, 120/240 V, 22 kA, Plug in
|
|
QO2110
|
154Kb / 3P |
Mini CB, QO, 110 A, 2P, 120/240 V, 10 kA, Plug in
Nov 28, 2019 |
|
QOB3110VH
|
132Kb / 2P |
Mini CB, QO, 110 A, 3P, 120/240 V, 22 kA, Bolt on
Dec 4, 2019 |
|
QOB2110
|
124Kb / 3P |
Mini CB, QO, 110 A, 2P, 120/240 V, 10 kA, Bolt on
Dec 6, 2019 |
|
QOB2110VH
|
132Kb / 2P |
Mini CB, QO, 110 A, 2P, 120/240 V, 22 kA, Bolt on
|
|
QOH2110
|
160Kb / 3P |
Mini CB, QO, 110 A, 2P, 120/240 V, 42 kA, Plug in
Dec 16, 2019 |
|
QDL22110
|
127Kb / 2P |
PowerPact Q - molded case circuit breaker - 2- pole - 25 kA - 240 V - 110 A
Sep 18, 2020 |
|
QDL32110
|
150Kb / 2P |
PowerPact Q - molded case circuit breaker - 3- pole - 25 kA - 240 V - 110 A
Sep 18, 2020 |
|
QGL22110
|
128Kb / 2P |
PowerPact Q - molded case circuit breaker - 2- pole - 65 kA - 240 V - 110 A
Sep 18, 2020 |
|
QGL32110
|
149Kb / 2P |
PowerPact Q - molded case circuit breaker - 3- pole - 65 kA - 240 V - 110 A
Sep 18, 2020 |