Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20234 Datasheet (PDF) - Cypress Semiconductor

CY8C20234 Datasheet PDF - Cypress Semiconductor
Part # CY8C20234
Download  CY8C20234 Download
File Size   637.9 Kbytes
Page   30 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Automotive PSoC Programmable System-on-Chip

CY8C20234 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY8C20234 Datasheet PDF - Cypress Semiconductor

Part # CY8C20234
Download  CY8C20234 Click to download

File Size   637.9 Kbytes
Page   30 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Automotive PSoC Programmable System-on-Chip

CY8C20234 Datasheet (HTML) - Cypress Semiconductor


CY8C20234 Product details

PSoC® Functional Overview
The PSoC family consists of many Programmable System-on-Chip with on-chip controller devices. These devices are designed to replace multiple traditional microcontroller unit (MCU)-based system components with one low cost single chip programmable component. A PSoC device includes configurable analog and digital blocks and programmable interconnect. This architecture enables the user to create customized peripheral configurations to match the requirements of each individual application. Additionally, a fast CPU, flash program memory, SRAM data memory, and configurable I/O are included in a range of convenient pinouts.

Features
■ Automotive Electronics Council (AEC) Q100 qualified
■ Low power CapSense® block
   ❐ Configurable capacitive sensing elements
   ❐ Supports combination of CapSense buttons, sliders, touchpads, and proximity sensors
■ Powerful Harvard-architecture processor
   ❐ M8C processor speeds up to 12 MHz
   ❐ Low power at high speed
   ❐ Operating voltage: 3.0 V to 5.25 V
   ❐ Automotive temperature range: –40 °C to +85 °C
■ Flexible on-chip memory
   ❐ 8 KB of flash program storage, 1000 erase/write cycles
   ❐ 512 bytes of SRAM data storage
   ❐ Partial flash updates
   ❐ Flexible protection modes
   ❐ In-system serial programming (ISSP)
■ Complete development tools
   ❐ Free development tool (PSoC Designer™)
   ❐ Full featured, in-circuit emulator (ICE) and programmer
   ❐ Full-speed emulation
   ❐ Complex breakpoint structure
   ❐ 128 KB trace memory
■ Precision, programmable clocking
   ❐ Internal ±5% 6-/12-MHz oscillator
   ❐ Internal low-speed, low-power oscillator for watchdog and sleep functionality
■ Programmable pin configurations
   ❐ 20 mA sink on all general purpose I/Os (GPIOs)
   ❐ Pull-up, high Z, open drain, or strong drive modes on all GPIOs
   ❐ Up to 13 analog inputs on GPIOs
   ❐ Configurable interrupt on all GPIOs
   ❐ Selectable, regulated digital I/O on Port 1
      • 3.0 V, 2.4 V, and 1.8 V regulation available
      • Up to 5 mA source on Port 1 GPIOs
■ Versatile analog mux
   ❐ Common internal analog bus
   ❐ Simultaneous connection of I/O combinations
   ❐ Comparator noise immunity
■ Additional system resources
   ❐ Configurable communication speeds
      • I2C™ slave operation up to 400 kHz
      • SPI master or slave operation between 46.9 kHz and 12 MHz
   ❐ Watchdog and sleep timers
   ❐ Internal voltage reference
   ❐ Integrated supervisory circuit




Similar Part No. - CY8C20234

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
1Mb / 34P
PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
1Mb / 47P
PSoC짰 Programmable System-on-Chip?
CY8C20234 CYPRESS-CY8C20234 Datasheet
1Mb / 47P
PSoC Programmable System-on-Chip Low power at high speed
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 34P
PSoC짰 Mixed-Signal Array
More results


Similar Description - CY8C20234

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24423A CYPRESS-CY8C24423A_09 Datasheet
944Kb / 36P
Automotive PSoC Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
Programmable System-on-Chip (PSoC)
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
Programmable System-on-Chip (PSoC)
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
PSoC Programmable System-on-Chip
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
PSoC Programmable System-on-Chip
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
Programmable System-on-Chip (PSoC)
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com