Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1316 Datasheet (PDF) - Rohm

B1316 Datasheet PDF - Rohm
Part # B1316
Download  B1316 Download
File Size   130.93 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (??00V,??A)

B1316 Datasheet (PDF)

Go To PDF Page Download Datasheet
B1316 Datasheet PDF - Rohm

Part # B1316
Download  B1316 Click to download

File Size   130.93 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (??00V,??A)

B1316 Datasheet (HTML) - Rohm


B1316 Product details

Features
1) Darlington connection for high DC current gain.
2) Built-in resistor between base and emitter.
3) Built-in damper diode.
4) Complements the 2SD2195 / 2SD1980.




Similar Part No. - B1316

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B1312BA1 DBLECTRO-B1312BA1 Datasheet
225Kb / 1P
FEMALE HEADER PROFILE : 4.5mm STRAIGHT
B1312BB1 DBLECTRO-B1312BB1 Datasheet
225Kb / 1P
FEMALE HEADER PROFILE : 4.5mm STRAIGHT
B1312BC1 DBLECTRO-B1312BC1 Datasheet
225Kb / 1P
FEMALE HEADER PROFILE : 4.5mm STRAIGHT
B1312BD1 DBLECTRO-B1312BD1 Datasheet
225Kb / 1P
FEMALE HEADER PROFILE : 4.5mm STRAIGHT
B1312BG1 DBLECTRO-B1312BG1 Datasheet
225Kb / 1P
FEMALE HEADER PROFILE : 4.5mm STRAIGHT
More results


Similar Description - B1316

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1443 ROHM-2SB1443_11 Datasheet
154Kb / 3P
Power Transistor (??0V, ??A)
2SB1181TLQ ROHM-2SB1181TLQ Datasheet
92Kb / 3P
Power Transistor (??0V, ??A)
2SA1797T100Q ROHM-2SA1797T100Q Datasheet
171Kb / 3P
Power Transistor (??0V, ??A)
2SB1260T100R ROHM-2SB1260T100R Datasheet
92Kb / 3P
Power Transistor (??0V, ??A)
logo
National Instruments Co...
PD4M440H NI-PD4M440H_15 Datasheet
117Kb / 3P
30A 450節?00V
PD4M440L NI-PD4M440L_15 Datasheet
119Kb / 3P
30A 450節?00V
PD7M440H NI-PD7M440H_15 Datasheet
114Kb / 3P
50A 450節?00V
PD7M440L NI-PD7M440L_15 Datasheet
121Kb / 3P
50A 450節?00V
PD10M440H NI-PD10M440H_15 Datasheet
123Kb / 3P
85A 450節?00V
PD10M440L NI-PD10M440L_15 Datasheet
117Kb / 3P
70A 450節?00V
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com