Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1858 Datasheet (PDF) - Rohm

2SD1858 Datasheet PDF - Rohm
Part # 2SD1858
Download  2SD1858 Download
File Size   144.94 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (32V, 1A)

2SD1858 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1858 Datasheet PDF - Rohm

Part # 2SD1858
Download  2SD1858 Click to download

File Size   144.94 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (32V, 1A)

2SD1858 Datasheet (HTML) - Rohm


2SD1858 Product details

Medium Power Transistor (32V, 1A)



Features

1) Low VCE(sat) = 0.15V(Typ.)

(lC / lB = 500mA / 50mA)

2) Compliments 2SB1132 / 2SB1237




Similar Part No. - 2SD1858

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1858 ROHM-2SD1858 Datasheet
118Kb / 3P
Medium Power Transistor (32V, 1A)
2SD1858 ROHM-2SD1858 Datasheet
129Kb / 4P
Medium Power Transistor (32V, 1A)
logo
Foshan Blue Rocket Elec...
2SD1858 FOSHAN-2SD1858 Datasheet
907Kb / 7P
Silicon NPN transistor in a TO-92LM Plastic Package
logo
Rohm
2SD1858 ROHM-2SD1858 Datasheet
173Kb / 4P
Medium Power Transistor (32V, 1A)
More results


Similar Description - 2SD1858

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
Medium Power Transistor (32V, 1A)
2SD1664 ROHM-2SD1664_1 Datasheet
129Kb / 4P
Medium Power Transistor (32V, 1A)
2SB1132 ROHM-2SB1132_09 Datasheet
179Kb / 5P
Medium Power Transistor (-32V, -1A)
2SD1664 ROHM-2SD1664_09 Datasheet
173Kb / 4P
Medium Power Transistor (32V, 1A)
MP6X1 ROHM-MP6X1 Datasheet
107Kb / 4P
Medium Power Transistor (32V, 1A)
MP6Z1 ROHM-MP6Z1 Datasheet
178Kb / 7P
Medium Power Transistor (-32V, -1A)
2SA1515S ROHM-2SA1515S_10 Datasheet
149Kb / 4P
Medium Power Transistor (-32V,-1A)
logo
Littelfuse
2SD1664T100Q LITTELFUSE-2SD1664T100Q Datasheet
121Kb / 3P
Medium Power Transistor (32V, 1A)
logo
Rohm
2SB1132T100P ROHM-2SB1132T100P Datasheet
179Kb / 5P
Medium Power Transistor (-32V,??1A)
logo
Nanjing International G...
2SD1664 DGNJDZ-2SD1664 Datasheet
496Kb / 4P
Medium Power Transistor(32V,1A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com