Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1864 Datasheet (PDF) - Rohm

2SD1864 Datasheet PDF - Rohm
Part # 2SD1864
Download  2SD1864 Download
File Size   147.0 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (50V, 3A)

2SD1864 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1864 Datasheet PDF - Rohm

Part # 2SD1864
Download  2SD1864 Click to download

File Size   147.0 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (50V, 3A)

2SD1864 Datasheet (HTML) - Rohm


2SD1864 Product details

 Power Transistor (50V, 3A)



Features

1) Low VCE(sat),

   VCE(sat) = 0.5V (Typ.)

   (IC/IB = 2A/0.2A)

2) Complements the

   2SB1184 / 2SB1243 / 2SB1185.



Structure

Epitaxial planar type NPN silicon transistor




Similar Part No. - 2SD1864

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1864 ROHM-2SD1864 Datasheet
77Kb / 3P
Power Transistor 50V, 3A
2SD1864 ROHM-2SD1864 Datasheet
153Kb / 4P
Power Transistor (50V, 3A)
2SD1864 ROHM-2SD1864 Datasheet
81Kb / 3P
Power Transistor (50V, 3A)
logo
Foshan Blue Rocket Elec...
2SD1864 FOSHAN-2SD1864 Datasheet
953Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
logo
Rohm
2SD1864 ROHM-2SD1864 Datasheet
176Kb / 4P
Power Transistor (50V, 3A)
More results


Similar Description - 2SD1864

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
99Kb / 3P
Power Transistor (-50V, -3A)
2SD1760 ROHM-2SD1760 Datasheet
77Kb / 3P
Power Transistor 50V, 3A
2SB1308 ROHM-2SB1308 Datasheet
61Kb / 3P
Power Transistor (-50V, -3A)
2SD1762 ROHM-2SD1762 Datasheet
153Kb / 4P
Power Transistor (50V, 3A)
2SD1963 ROHM-2SD1963 Datasheet
60Kb / 3P
Power transistor (50V, 3A)
logo
Suntac Electronic Corp.
2SA1797 SUNTAC-2SA1797 Datasheet
85Kb / 2P
Power Transistor (-50V, -3A)
logo
Rohm
2SD1760 ROHM-2SD1760_09 Datasheet
176Kb / 4P
Power Transistor (50V, 3A)
2SD1760TLR ROHM-2SD1760TLR Datasheet
81Kb / 3P
Power Transistor (50V, 3A)
2SA1797T100P ROHM-2SA1797T100P Datasheet
171Kb / 3P
Power Transistor -50V, -3A
logo
Nanjing International G...
2SB1308 DGNJDZ-2SB1308 Datasheet
437Kb / 3P
Power Transistor(-50V,-3A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com