Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1308-Q Datasheet (PDF) - Micro Commercial Components

2SB1308-Q Datasheet PDF - Micro Commercial Components
Part # 2SB1308-Q
Download  2SB1308-Q Download
File Size   227.64 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Plastic-Encapsulate Transistors

2SB1308-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1308-Q Datasheet PDF - Micro Commercial Components

Part # 2SB1308-Q
Download  2SB1308-Q Click to download

File Size   227.64 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Plastic-Encapsulate Transistors

2SB1308-Q Datasheet (HTML) - Micro Commercial Components


2SB1308-Q Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Power dissipation: PCM = 0.5W(Tamb=25°C)
• Collector current: ICM = -3A
• Collector-base voltage: V(BR)CBO = -30V
• Operating and storage junction temperature range
   TJ, Tstg: -55°C to + 150°C
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - 2SB1308-Q

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SB1308-Q KEXIN-2SB1308-Q Datasheet
1Mb / 2P
PNP Transistors
logo
Micro Commercial Compon...
2SB1308-Q MCC-2SB1308-Q Datasheet
256Kb / 2P
PNP Plastic-Encapsulate Transistors
More results


Similar Description - 2SB1308-Q

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com