Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS6Z5 Datasheet (PDF) - Rohm

QS6Z5 Datasheet PDF - Rohm
Part # QS6Z5
Download  QS6Z5 Download
File Size   1202.35 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Complex Midium Power Transistors (50V/1A)

QS6Z5 Datasheet (PDF)

Go To PDF Page Download Datasheet
QS6Z5 Datasheet PDF - Rohm

Part # QS6Z5
Download  QS6Z5 Click to download

File Size   1202.35 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Complex Midium Power Transistors (50V/1A)

QS6Z5 Datasheet (HTML) - Rohm




Similar Part No. - QS6Z5

ManufacturerPart #DatasheetDescription
logo
Altonics Co., Ltd.
QS6400 ALTONICS-QS6400 Datasheet
362Kb / 8P
Advanced ADPCM SOUND DSP for Mobile
logo
Rohm
QS6J1 ROHM-QS6J1 Datasheet
62Kb / 4P
Small switching (-20V, -1.5A)
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
1.5V Drive PchPch MOSFET
QS6J11 ROHM-QS6J11 Datasheet
604Kb / 12P
Dual Pch -12V -2.0A Power MOSFET
QS6J11TR ROHM-QS6J11TR Datasheet
604Kb / 12P
Dual Pch -12V -2.0A Power MOSFET
More results


Similar Description - QS6Z5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR513P ROHM-2SAR513P_09 Datasheet
241Kb / 5P
Midium Power Transistors (-50V / -1A)
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
Midium Power Transistors (-50V / -3A)
2SAR553P ROHM-2SAR553P_09 Datasheet
242Kb / 5P
Midium Power Transistors (-50V / -2A)
2SCR513P ROHM-2SCR513P_09 Datasheet
235Kb / 5P
Midium Power Transistors (50V / 1A)
2SAR543D ROHM-2SAR543D Datasheet
524Kb / 6P
Midium Power Transistors (-50V/-4A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
Midium Power Transistors (30V / 1A)
MP6T12 ROHM-MP6T12 Datasheet
378Kb / 6P
Midium Power Transistors (-50V / -1A)
MP6X12 ROHM-MP6X12 Datasheet
424Kb / 6P
Midium Power Transistors (50V / 1A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
Midium Power Transistors (50V / 3A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
Midium Power Transistors (50V / 2A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com