Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F400SUB Datasheet (PDF) - Sharp Corporation

LH28F400SUB Datasheet PDF - Sharp Corporation
Part # LH28F400SUB
Download  LH28F400SUB Download
File Size   277.06 Kbytes
Page   34 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 4M (512K 횞 8, 256K 횞 16) Flash Memory

LH28F400SUB Datasheet (PDF)

Go To PDF Page Download Datasheet
LH28F400SUB Datasheet PDF - Sharp Corporation

Part # LH28F400SUB
Download  LH28F400SUB Click to download

File Size   277.06 Kbytes
Page   34 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 4M (512K 횞 8, 256K 횞 16) Flash Memory

LH28F400SUB Datasheet (HTML) - Sharp Corporation


LH28F400SUB Product details

INTRODUCTION
Sharp’s LH28F400SU 4M Flash Memory is a revolutionary architecture which enables the design of truly mobile, high performance, personal computing and communication products. With innovative capabilities, 3.3 V low power operation and very high read/write performance, the LH28F400SU is also the ideal choice for designing embedded mass storage flash memory systems.

FEATURES
• User-Configurable x8 or x16 Operation
• 5 V Write/Erase Operation (5 V VPP, 3.3 V VCC)
    – No Requirement for DC/DC Converter to Write/Erase
• 150 ns Maximum Access Time (VCC = 3.3 V ± 0.3 V)
• Min. 2.7 V Read Capability
    – 160 ns Maximum Access Time (VCC = 2.7 V)
• 32 Independently Lockable Blocks (16K)
• 100,000 Erase Cycles per Block
• Automated Byte Write/Block Erase
    – Command User Interface
    – Status Register
    – RY»/BY» Status Output
• System Performance Enhancement
    – Erase Suspend for Read
    – Two-Byte Write
    – Full Chip Erase
• Data Protection
    – Hardware Erase/Write Lockout during Power Transition
    – Software Erase/Write Lockout
• Independently Lockable for Write/Erase on Each Block (Lock Block and Protect Set/Reset)
• 4 µA (Typ.) ICC in CMOS Standby
• 0.2 µA (Typ.) Deep Power-Down
• State-of-the-Art 0.45 µm ETOX™ Flash Technology
• Extended Temperature Operation
    – -20°C to +85°C
• 49-Pin, .67 mm × 8 mm × 8 mm CSP Package




Similar Part No. - LH28F400SUB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F400SU SHARP-LH28F400SU Datasheet
2Mb / 39P
4Mbit(512Kbit x 8, 256 Kbit x 16) 5V Single Voltage Flash Memory
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-NC SHARP-LH28F400SU-NC Datasheet
294Kb / 35P
4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SUE-NC60 SHARP-LH28F400SUE-NC60 Datasheet
294Kb / 35P
4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SUE-NC80 SHARP-LH28F400SUE-NC80 Datasheet
294Kb / 35P
4M (512K 횞 8, 256K 횞 16) Flash Memory
More results


Similar Description - LH28F400SUB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F004SU-LC SHARP-LH28F004SU-LC Datasheet
249Kb / 31P
4M (512K 횞 8) Flash Memory
LH28F004SU-NC SHARP-LH28F004SU-NC Datasheet
246Kb / 31P
4M (512K 횞 8) Flash Memory
LH28F004SU-Z1 SHARP-LH28F004SU-Z1 Datasheet
182Kb / 32P
4M (512K 횞 8) Flash Memory
LH28F040SUTD-Z4 SHARP-LH28F040SUTD-Z4 Datasheet
247Kb / 32P
4M (512K 횞 8) Flash Memory
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-NC SHARP-LH28F400SU-NC Datasheet
294Kb / 35P
4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
8M (512K 횞 16, 1M 횞 8) Flash Memory
LHF32J02 SHARP-LHF32J02 Datasheet
3Mb / 51P
Flash Memory 32M (2M 횞 16/4M 횞 8)
LHF32J06 SHARP-LHF32J06 Datasheet
2Mb / 50P
Flash Memory 32M (2M 횞 16/4M 횞 8)
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
Flash Memory 8M (1M 횞 8/512K 횞 16)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com