Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH51BV1000J Datasheet (PDF) - Sharp Corporation

LH51BV1000J Datasheet PDF - Sharp Corporation
Part # LH51BV1000J
Download  LH51BV1000J Download
File Size   77.98 Kbytes
Page   11 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 1M (128K x 8) Static Ram

LH51BV1000J Datasheet (PDF)

Go To PDF Page Download Datasheet
LH51BV1000J Datasheet PDF - Sharp Corporation

Part # LH51BV1000J
Download  LH51BV1000J Click to download

File Size   77.98 Kbytes
Page   11 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 1M (128K x 8) Static Ram

LH51BV1000J Datasheet (HTML) - Sharp Corporation


LH51BV1000J Product details

DESCRIPTION
The LH51BV1000JY is a static RAM organized as 131,072 × 8 bits which provides low power standby mode. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• Access time: 70 ns (MAX.)
• Current consumption:
   Operating: 30 mA (MAX.)
   5 mA (MAX.) (tRC, tWC = 1 µs)
   Standby: 60 µA (MAX.)
• Data Retention:
   1.0 µA (MAX.) (VCCDR = 3 V, TA = 25°C)
• Single power supply: 2.7 V to 3.6 V
• Operating temperature: -25°C to +85°C
• Fully-static operation
• Three-state output
• Not designed or rated as radiation hardened
• Package: 32-pin 6 × 10 mm CSP
• N-type bulk silicon




Similar Part No. - LH51BV1000J

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116-10 SHARP-LH5116-10 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116D-10 SHARP-LH5116D-10 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116H SHARP-LH5116H Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116H-10 SHARP-LH5116H-10 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
More results


Similar Description - LH51BV1000J

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
CMOS 1M (128K x 8) Static Ram
LH5P8128 SHARP-LH5P8128 Datasheet
116Kb / 13P
CMOS 1M (128K x 8) Pseudo-Static RAM
LH5P8129 SHARP-LH5P8129 Datasheet
119Kb / 14P
CMOS 1M (128K x 8) CS-Control Pseudo-Static RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
128K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
128K x 8 Static RAM
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
128K X 8 CMOS STATIC RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
128K x 8 Static RAM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com