Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTF016N05 Datasheet (PDF) - Rohm

RTF016N05 Datasheet PDF - Rohm
Part # RTF016N05
Download  RTF016N05 Download
File Size   1126.58 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2.5V Drive Nch MOSFET

RTF016N05 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTF016N05 Datasheet PDF - Rohm

Part # RTF016N05
Download  RTF016N05 Click to download

File Size   1126.58 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2.5V Drive Nch MOSFET

RTF016N05 Datasheet (HTML) - Rohm


RTF016N05 Product details

■ MOSFETs
   ● Small Signal MOSFET Series
   ● Middle Power MOSFET Series
   ● Power MOSFET Series
■ Selector Guide for Automotive MOSFETs (AEC-Q101)
■ Bipolar Transistors (Surface mount type)
■ Transistor Array
■ Complex Bipolar Transistors
■ Digital Transistors
■ Complex Digital Transistors
■ Packages
■ Part No. Explanation
            ISO/TS 16949-approved




Similar Part No. - RTF016N05

ManufacturerPart #DatasheetDescription
logo
Rohm
RTF016N05FRA ROHM-RTF016N05FRA Datasheet
2Mb / 14P
Nch 45V 1.6A Small Signal MOSFET
More results


Similar Description - RTF016N05

ManufacturerPart #DatasheetDescription
logo
Rohm
RTL035N03 ROHM-RTL035N03 Datasheet
66Kb / 3P
2.5V Drive Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
2.5V Drive NchNch MOSFET
EM6K31 ROHM-EM6K31 Datasheet
191Kb / 6P
2.5V Drive Nch Nch MOSFET
logo
Texas Instruments
UM6K31N TI-UM6K31N Datasheet
205Kb / 6P
2.5V Drive Nch Nch MOSFET
logo
Rohm
EM6K31_1009 ROHM-EM6K31_1009 Datasheet
195Kb / 6P
2.5V Drive Nch Nch MOSFET
UM6K31N ROHM-UM6K31N Datasheet
205Kb / 6P
2.5V Drive Nch Nch MOSFET
QS5K2_0610 ROHM-QS5K2_0610 Datasheet
67Kb / 4P
2.5V Drive NchNch MOSFET
US6K1TR ROHM-US6K1TR Datasheet
129Kb / 4P
2.5V Drive NchNch MOSFET
EM6K31T2R ROHM-EM6K31T2R Datasheet
152Kb / 6P
2.5V Drive Nch Nch MOSFET
QS5K2TR ROHM-QS5K2TR Datasheet
61Kb / 4P
2.5V Drive Nch Nch MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com