Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH53B16R00 Datasheet (PDF) - Sharp Corporation

LH53B16R00 Datasheet PDF - Sharp Corporation
Part # LH53B16R00
Download  LH53B16R00 Download
File Size   57.48 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 16M (1M x 16/512K x 32) MROM

LH53B16R00 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH53B16R00 Datasheet PDF - Sharp Corporation

Part # LH53B16R00
Download  LH53B16R00 Click to download

File Size   57.48 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 16M (1M x 16/512K x 32) MROM

LH53B16R00 Datasheet (HTML) - Sharp Corporation


LH53B16R00 Product details

DESCRIPTION
The LH53B16R00 is a 16M-bit CMOS mask ROM (mask-programmable-read-only memory) organized as 1,048,576 × 16 bits (Word mode) or 524,288 × 32 bits (Double Word mode). It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 1,048,576 × 16 bit organization (Word mode: W = VIL)
    524,288 × 32 bit organization (Double Word mode: W = VIH)
• Access time: 120 ns (MAX.)
    Access time in page mode: 50 ns (MAX.)
• Supply current:
    – Operating: 180 mA (MAX.)
    – Standby: 300 µA (MAX.)
• TTL compatible I/O
• Three-state outputs
• Single +5 V power supply
• Static operation
• Package:
    70-pin, 500-mil SSOP
• Others:
    – Non programmable
    – Not designed or rated as radiation
    – hardened
    – CMOS process (P type silicon substrate)




Similar Part No. - LH53B16R00

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH530800A SHARP-LH530800A Datasheet
61Kb / 6P
CMOS 1M (128K x 8) MROM
LH530800A-Y SHARP-LH530800A-Y Datasheet
52Kb / 6P
CMOS 1M (128K x 8) 3 V-Drive MROM
LH531000B SHARP-LH531000B Datasheet
51Kb / 6P
CMOS 1M (128K x 8) MROM
LH531000B-S SHARP-LH531000B-S Datasheet
39Kb / 5P
CMOS 1M (128K x 8) 3 V-Drive MROM
LH531024 SHARP-LH531024 Datasheet
72Kb / 7P
CMOS 1M (64K x 16) MROM
More results


Similar Description - LH53B16R00

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH530800A SHARP-LH530800A Datasheet
61Kb / 6P
CMOS 1M (128K x 8) MROM
LH531000B SHARP-LH531000B Datasheet
51Kb / 6P
CMOS 1M (128K x 8) MROM
LH531024 SHARP-LH531024 Datasheet
72Kb / 7P
CMOS 1M (64K x 16) MROM
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
CMOS 16M (2M x 8/1M x 16) MROM
LH531V00 SHARP-LH531V00 Datasheet
60Kb / 6P
CMOS 1M (128K x 8) MROM
LH534A00 SHARP-LH534A00 Datasheet
40Kb / 5P
CMOS 4M (512K x 8) MROM
LH534B00 SHARP-LH534B00 Datasheet
42Kb / 5P
CMOS 4M (512K x 8) MROM
LH53517 SHARP-LH53517 Datasheet
59Kb / 6P
CMOS 512K (64K x 8) MROM
LH538700A SHARP-LH538700A Datasheet
58Kb / 6P
CMOS 8M (1M x 8) MROM
logo
AMIC Technology
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
512K X 16 / 1M X 8 BIT CMOS MASK ROM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com