Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX56-10 Datasheet (PDF) - Micro Commercial Components

BCX56-10 Datasheet PDF - Micro Commercial Components
Part # BCX56-10
Download  BCX56-10 Download
File Size   202.28 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Plastic-Encapsulate Transistors

BCX56-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCX56-10 Datasheet PDF - Micro Commercial Components

Part # BCX56-10
Download  BCX56-10 Click to download

File Size   202.28 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Plastic-Encapsulate Transistors

BCX56-10 Datasheet (HTML) - Micro Commercial Components


BCX56-10 Product details

Features

• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)

• Power Dissipation: PCM=0.5W (Tamb=25°C)

• Collector Current: ICM=1.0A

• Collector-Base Voltage: V(BR)CBO=100V

• Marking : BCX56=BH, BCX56-10=BK, BCX56-16=BL

• Epoxy meets UL 94 V-0 flammability rating

• Moisure Sensitivity Level 1



 




Similar Part No. - BCX56-10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX56-10 PHILIPS-BCX56-10 Datasheet
42Kb / 8P
NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Siemens Semiconductor G...
BCX56-10 SIEMENS-BCX56-10 Datasheet
146Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCX56-10 INFINEON-BCX56-10 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Jul-10-2001
logo
Guangdong Kexin Industr...
BCX56-10 KEXIN-BCX56-10 Datasheet
53Kb / 2P
NPN Medium Power Transistors
logo
Weitron Technology
BCX56-10 WEITRON-BCX56-10 Datasheet
199Kb / 3P
NPN Plastic-Encapsulate Transistor
More results


Similar Description - BCX56-10

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
NPN Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com