| Electronic Components Datasheet Search |
|
PHMB600B12C Datasheet (PDF) - Nihon Inter Electronics Corporation |
PHMB600B12C Datasheet (PDF) |
|
Download Datasheet |
| Part # | PHMB600B12C |
| Download | PHMB600B12C Click to download |
| File Size | 198.5 Kbytes |
| Page | 3 Pages |
| Manufacturer | NIEC [Nihon Inter Electronics Corporation] |
| Direct Link | http://www.niec.co.jp |
| Logo | |
| Description | 600A 1200V |
PHMB600B12C Datasheet (HTML) - Nihon Inter Electronics Corporation |
Similar Part No. - PHMB600B12C |
|
Similar Description - PHMB600B12C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |