Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C51 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BZX79C51 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BZX79C51
Download  BZX79C51 Download
File Size   330.56 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500mW,5% Tolerance Zener Diode

BZX79C51 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX79C51 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BZX79C51
Download  BZX79C51 Click to download

File Size   330.56 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500mW,5% Tolerance Zener Diode

BZX79C51 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


BZX79C51 Product details

FEATURES
- Wide zener voltage range selection: 2.0V to 75V
- VZ Tolerance selection of ±5%
- Designed for through-hole device type mounting
- Hermetically sealed glasss
- Pb free and RoHS compliant
- High reliability glass passivation insuring parameter stability and protection against junction contamination




Similar Part No. - BZX79C51

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BZX79C51 MOTOROLA-BZX79C51 Datasheet
424Kb / 42P
500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
Fairchild Semiconductor
BZX79C51 FAIRCHILD-BZX79C51 Datasheet
47Kb / 5P
Zeners
logo
EIC discrete Semiconduc...
BZX79C51 EIC-BZX79C51 Datasheet
36Kb / 2P
ZENER DIODES
logo
First Components Intern...
BZX79C51 FCI-BZX79C51 Datasheet
96Kb / 2P
1/2 Watt ZENER DIODES (2.4V to 75V)
logo
Taiwan Semiconductor Co...
BZX79C51 TSC-BZX79C51 Datasheet
115Kb / 2P
500 mW Hermetically Sealed Glass Zener Voltage Regulators
More results


Similar Description - BZX79C51

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
500mW LOW NOISE ZENER DIODE 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
500mW,5% Tolerance Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
500mW,5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
500mW, 5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
500mW,5% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
500mW, 5% Tolerance SMD Zener Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com