Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQ15X01W Datasheet (PDF) - Sharp Corporation

LQ15X01W Datasheet PDF - Sharp Corporation
Part # LQ15X01W
Download  LQ15X01W Download
File Size   56.11 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Color TFT-LCD Module for OA/Multimedia use[High brightness type](Desktop PC/Monitor)

LQ15X01W Datasheet (PDF)

Go To PDF Page Download Datasheet
LQ15X01W Datasheet PDF - Sharp Corporation

Part # LQ15X01W
Download  LQ15X01W Click to download

File Size   56.11 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Color TFT-LCD Module for OA/Multimedia use[High brightness type](Desktop PC/Monitor)

LQ15X01W Datasheet (HTML) - Sharp Corporation


LQ15X01W Product details

Features
■ Display size :38 cm [15"], XGA format
■ Wide viewing angle
■ Built-in long life backlight (25 000H)
■ High brightness (200 cd/m2)
■ Super V* technology




Similar Part No. - LQ15X01W

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ150X1DG11 SHARP-LQ150X1DG11 Datasheet
16Kb / 1P
Color TFT-LCD Module[High brightness type](Desktop PC/Monitor)
LQ150X1DG16 SHARP-LQ150X1DG16 Datasheet
664Kb / 20P
DEVICE SPECIPICATION FOR TFT-LCD Module
LQ150X1DG55 SHARP-LQ150X1DG55 Datasheet
115Kb / 1P
Color TFT-LCD Module(Desktop PC /Monitor)
LQ150X1LG91 SHARP-LQ150X1LG91 Datasheet
387Kb / 27P
These parts have corresponded with the ROHS
LQ150X1LGN2A SHARP-LQ150X1LGN2A Datasheet
901Kb / 24P
TFT-LCD MODULE
More results


Similar Description - LQ15X01W

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM14X82 SHARP-LM14X82 Datasheet
24Kb / 1P
Color STN-LCD Module(Desktop PC/Monitor)
LQ12X12 SHARP-LQ12X12 Datasheet
54Kb / 1P
Color TFT- LCD Module for OA/Multimedia[High brightness type](Desktop PC/Monitor)
LQ12X51 SHARP-LQ12X51 Datasheet
85Kb / 1P
Color TFT- LCD Module for OA/Multimedia(Notebook PC)
LQ13X21 SHARP-LQ13X21 Datasheet
44Kb / 1P
Color TFT-LCD Module for OA/Multimedia[High brightness type](Desktop PC/Monitor)
LQ13X31 SHARP-LQ13X31 Datasheet
44Kb / 1P
Color TFT-LCD Module for OA/Multimedia[High brightness type](Desktop PC/Monitor)
LQ14X03E SHARP-LQ14X03E Datasheet
37Kb / 2P
Color TFT-LCD Module for OA/Multimedia[High brightness type](Desktop PC/Monitor)
LQ150X1DG11 SHARP-LQ150X1DG11 Datasheet
16Kb / 1P
Color TFT-LCD Module[High brightness type](Desktop PC/Monitor)
LQ150X1DG55 SHARP-LQ150X1DG55 Datasheet
115Kb / 1P
Color TFT-LCD Module(Desktop PC /Monitor)
LQ181E1DG01 SHARP-LQ181E1DG01 Datasheet
44Kb / 2P
Color TFT-LCD Module for OA/Multimedia use(Desktop PC/Monitor)
LQ181E1DG11 SHARP-LQ181E1DG11 Datasheet
122Kb / 1P
Color TFT-LCD Module(Desktop PC/Monitor)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com