Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRS1338A Datasheet (PDF) - Sharp Corporation

LRS1338A Datasheet PDF - Sharp Corporation
Part # LRS1338A
Download  LRS1338A Download
File Size   218.03 Kbytes
Page   36 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Stacked Chip 8M Flash Memory and 2M SRAM

LRS1338A Datasheet (PDF)

Go To PDF Page Download Datasheet
LRS1338A Datasheet PDF - Sharp Corporation

Part # LRS1338A
Download  LRS1338A Click to download

File Size   218.03 Kbytes
Page   36 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Stacked Chip 8M Flash Memory and 2M SRAM

LRS1338A Datasheet (HTML) - Sharp Corporation


LRS1338A Product details

DESCRIPTION
The LRS1338A is a combination memory organized as 524,288 × 16-bit flash memory and 262,144 × 8-bit static RAM in one package. It is fabricated using silicon gate CMOS process technology.

FEATURES
• Flash memory and SRAM
• Stacked die chip scale package
• 48-pin TSOP (TSOP48-P-1014) plastic package
• Power supply: 2.7 V to 3.6 V
• Operating temperature: -40°C to +85°C
• Access time (MAX.):
    – Flash memory: 120 ns
    – SRAM: 85 ns
• Operating current (MAX.):
    – Flash memory
    – Read: 25 mA (tCYCLE = 200 ns)
    – Word write: 57 mA (F-VCC ≥ 3.0 V)
    – Block erase: 42 mA (F-VCC ≥ 3.0 V)
    – SRAM: 25 mA (tCYCLE = 200 ns)
• Standby current2
    – Flash memory: 20 µA MAX. (F-CE ≥ F-VCC - 0.2 V, F-RP ≤ 0.2 V, F-VPP ≤ 0.2 V)
    – SRAM:
    – 40 µA MAX. (S-CE ≥ S-VCC - 0.2 V)
    – 0.6 µA TYP. (TA = 25°C, S-VCC = 3 V, S-CE ≥ S-VCC - 0.2 V)
• Fully static operation
• Three-state output




Similar Part No. - LRS1338A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1331 SHARP-LRS1331 Datasheet
216Kb / 26P
Stacked Chip 16M Flash Memory and 4M SRAM
LRS1337 SHARP-LRS1337 Datasheet
967Kb / 30P
Stacked Chip 32M Flash Memory and 4M SRAM
More results


Similar Description - LRS1338A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1302 SHARP-LRS1302 Datasheet
3Mb / 61P
Stacked Chip 8M Flash and 1M SRAM
LRS1329 SHARP-LRS1329 Datasheet
1Mb / 27P
Stacked Chip 16M Flash and 2M SRAM
LRS1331 SHARP-LRS1331 Datasheet
216Kb / 26P
Stacked Chip 16M Flash Memory and 4M SRAM
LRS1341 SHARP-LRS1341 Datasheet
197Kb / 24P
Stacked Chip 16M Flash Memory and 2M SRAM
LRS1337 SHARP-LRS1337 Datasheet
967Kb / 30P
Stacked Chip 32M Flash Memory and 4M SRAM
LRS1382 SHARP-LRS1382 Datasheet
3Mb / 114P
STACKED CHIP 32M FLASH AND 8M SRAM
LRS1383 SHARP-LRS1383 Datasheet
3Mb / 114P
STACKED CHIP 32M FLASH AND 8M SRAM
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1386 SHARP-LRS1386 Datasheet
3Mb / 114P
STACKED CHIP 64M FLASH AND 8M SRAM
logo
SPANSION
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com