Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMS9012-H Datasheet (PDF) - Micro Commercial Components

MMS9012-H Datasheet PDF - Micro Commercial Components
Part # MMS9012-H
Download  MMS9012-H Download
File Size   180.27 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon Plastic-Encapsulate Transistor

MMS9012-H Datasheet (PDF)

Go To PDF Page Download Datasheet
MMS9012-H Datasheet PDF - Micro Commercial Components

Part # MMS9012-H
Download  MMS9012-H Click to download

File Size   180.27 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon Plastic-Encapsulate Transistor

MMS9012-H Datasheet (HTML) - Micro Commercial Components


MMS9012-H Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• SOT-23 Plastic-Encapsulate Transistors
• Capable of 0.3Watts(Tamb=25°C) of Power Dissipation.
• Collector-current 0.5A
• Collector-base Voltage 40V
• Operating and storage junction temperature range: -55°C to +150°C
• Marking : 2T1
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - MMS9012-H

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMS9012-H MCC-MMS9012-H Datasheet
161Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
More results


Similar Description - MMS9012-H

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1015-O MCC-2SA1015-O Datasheet
84Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA1015-O MCC-2SA1015-O_11 Datasheet
390Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
2SA1162-O MCC-2SA1162-O Datasheet
199Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SB772-R MCC-2SB772-R Datasheet
298Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
BD772-R MCC-BD772-R Datasheet
383Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
BF421 MCC-BF421 Datasheet
224Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMSS8550-L MCC-MMSS8550-L_13 Datasheet
164Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA733-R MCC-2SA733-R_16 Datasheet
411Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9012-L MCC-MMS9012-L_13 Datasheet
161Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9015-L MCC-MMS9015-L_13 Datasheet
344Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com