Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ2426J Datasheet (PDF) - Sharp Corporation

LZ2426J Datasheet PDF - Sharp Corporation
Part # LZ2426J
Download  LZ2426J Download
File Size   107.1 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 320 k Pixels

LZ2426J Datasheet (PDF)

Go To PDF Page Download Datasheet
LZ2426J Datasheet PDF - Sharp Corporation

Part # LZ2426J
Download  LZ2426J Click to download

File Size   107.1 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 320 k Pixels

LZ2426J Datasheet (HTML) - Sharp Corporation


LZ2426J Product details

DESCRIPTION
The LZ2426J is a 1/4-type (4.5 mm) solid-state image sensor that consists of PN photo-diodes and CCDs (charge-coupled devices) driven by dual-power-supply. With approximately 320 000 pixels (542 horizontal x 582 vertical), the sensor provides a stable high-resolution B/W normal or mirror image.

FEATURES
● Number of effective pixels : 512 (H) x 582 (V)
● Number of optical black pixels
    — Horizontal : 2 front and 28 rear
● Pixel pitch : 7.2 µm (H) x 4.7 µm (V)
● Low fixed-pattern noise and lag
● No burn-in and no image distortion
● Blooming suppression structure
● Built-in output amplifier
● Built-in pulse mix circuit
● Variable electronic shutter (1/50 to 1/10 000 s)
● Normal or mirror image output available from common output pin
● Compatible with CCIR standard
● Package :
    14-pin half-pitch WDIP [Plastic] (WDIP014-P-0400A) Row space : 10.16 mm




Similar Part No. - LZ2426J

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
1/4-type Color CCD Area Sensor with 320 k Pixels
More results


Similar Description - LZ2426J

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2315A SHARP-LZ2315A Datasheet
106Kb / 14P
Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 270 k Pixels
LZ2323H5 SHARP-LZ2323H5 Datasheet
95Kb / 12P
1/3-type CCD Area Sensors with 320 k Pixels
LZ2325A SHARP-LZ2325A Datasheet
102Kb / 14P
Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 320 k Pixels
LZ2336 SHARP-LZ2336 Datasheet
178Kb / 8P
Two-power supply (5 V and 12 V) operation 1 / 3 type B/W CCD Area Sensor for EIA
LZ2346 SHARP-LZ2346 Datasheet
185Kb / 8P
Twopower supply (5 V and 12 V) operation CCIR 1/3 type B/W CCD Area Sensor for CCIR
LZ2416J SHARP-LZ2416J Datasheet
90Kb / 12P
Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
1/4-type Color CCD Area Sensor with 320 k Pixels
LZ2453A SHARP-LZ2453A Datasheet
89Kb / 11P
1/4-type Color CCD Area Sensor with 410 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
1/5-type Color CCD Area Sensor with 270 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
1/5-type Color CCD Area Sensor with 320 k Pixels
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com