Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42440 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE42440 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE42440
Download  PE42440 Download
File Size   293.01 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SP4T UltraCMOS??RF Switch 50 ??3000 MHz

PE42440 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42440 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE42440
Download  PE42440 Click to download

File Size   293.01 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SP4T UltraCMOS??RF Switch 50 ??3000 MHz

PE42440 Datasheet (HTML) - Peregrine Semiconductor Corp.


PE42440 Product details

Product Description
The PE42440 is a HaRP™-enhanced SP4T RF switch developed on the UltraCMOS® process technology. This general-purpose switch contains 4 identical RF ports and can be used in a multitude of applications up to 3000 MHz. It integrates on-board CMOS control logic with a low voltage CMOS compatible control interface and requires no DC blocking capacitors. This RoHS-compliant part is available in a standard 3 x 3 x 0.75 mm QFN package.
Peregrine’s HaRP™ technology enhancements deliver high linearity and exceptional harmonics performance. It is an innovative feature of the UltraCMOS® process, providing performance superior to GaAs with the economy and integration of conventional CMOS.

Features
• HaRP™ - Enhanced Technology for Unparalleled Linearity
• Very Low Insertion Loss: 0.45 dB @ 1000 MHz, 0.5 dB @ 2000 MHz
• Very High Isolation: 34 dB @ 1000 MHz, 28 dB @ 2000 MHz
• Exceptionally High ESD tolerance:
• Class 3 (4.0 kV HBM) on RFC pin
• Class 2 (2.0 kV HBM) on all pins
• Integrated Decoder for 2-pin control
• Accepts 1.8V and 2.75V Control Logic Levels
• Low 4.5Ω Series ON Resistance
• No Blocking Capacitors Required




Similar Part No. - PE42440

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440 Datasheet
497Kb / 8P
SP4T UltraCMOS
logo
Peregrine Semiconductor
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
RF Switch
More results


Similar Description - PE42440

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE42540 PEREGRINE-PE42540 Datasheet
548Kb / 12P
UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
SP4T UltraCMOS RF Switch
PE42540 PSEMI-PE42540 Datasheet
520Kb / 12P
UltraCMOS SP4T RF Switch
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
SP4T UltraCMOS RF Switch
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
UltraCMOS SP4T RF Switch 50??000 MHz
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com