Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL705ARHX Datasheet (PDF) - Intersil Corporation

ISL705ARHX Datasheet PDF - Intersil Corporation
Part # ISL705ARHX
Download  ISL705ARHX Download
File Size   1074.06 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits

ISL705ARHX Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL705ARHX Datasheet PDF - Intersil Corporation

Part # ISL705ARHX
Download  ISL705ARHX Click to download

File Size   1074.06 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits

ISL705ARHX Datasheet (HTML) - Intersil Corporation


ISL705ARHX Product details

Rad-Hard, 5.0V/3.3V µ-Processor Supervisory Circuits



This family of devices are radiation hardened 5.0V/3.3V supervisory circuits that reducethe complexity required to monitor supply voltages in microprocessor systems. These devices significantly improve accuracy and reliability relative to discrete solutions. Each IC provides four key functions.



Features

• Electrically Screened to SMD 5962-11213

• QML Qualified per MIL-PRF-38535 Requirements

•Radiation Hardness

- High Dose Rate. . . . . . . . . . . . . . . . . . . . . . . . . .  100krad(Si)

- Low Dose Rate . . . . . . . . . . . . . . . . . . . 100krad(Si) (Note 1)

- SEL/SEB LETTH. . . . . . . . . . . . . . . . . . . .  86MeV * cm2/mg

• Precision Supply Voltage Monitor

- 4.65V Threshold in the ISL705AEH/BEH/CEH

- 3.08V Threshold in the ISL706AEH/BEH/CEH

• 200ms (Typ) Reset Pulse Width

- Active High, Active Low and Open Drain Options

• Independent Watchdog Timer with 1.6s (Typ) Timeout

• Precision Threshold Detector

- 1.25V Threshold in the ISL705AEH/BEH/CEH

- 0.6V Threshold in the ISL706AEH/BEH/CEH

• Debounced TTL/CMOS Compatible Manual-Reset Input

• Reset Output Valid at VDD = 1.2V



Applications

• Supervisor for µ-Processors, µ-Controllers, FPGAs and DSPs

• Critical Power Supply Monitoring

• Reliable Replacement of Discrete Solutions




Similar Part No. - ISL705ARHX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL705ARHX INTERSIL-ISL705ARHX Datasheet
1Mb / 19P
Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
March 30, 2012
logo
Renesas Technology Corp
ISL705ARHX RENESAS-ISL705ARHX Datasheet
968Kb / 26P
Radiation Hardened, 5.0V/3.3V μ-Processor Supervisory Circuits
Mar 14, 2025
logo
Intersil Corporation
ISL705ARHX/SAMPLE INTERSIL-ISL705ARHX/SAMPLE Datasheet
1Mb / 19P
Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
March 30, 2012
More results


Similar Description - ISL705ARHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
PROCESSOR SUPERVISORY CIRCUITS
logo
ATMEL Corporation
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
Rad-Hard 32 bit SPARC V8 Processor
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
PROCESSOR SUPERVISORY CIRCUITS
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
Rad-Hard 32-bit SPARC Embedded Processor
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
PROCESSOR SUPERVISORY CIRCUITS
logo
Intersil Corporation
ISL705AEH INTERSIL-ISL705AEH Datasheet
1Mb / 19P
Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
March 30, 2012
logo
Texas Instruments
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
Processor Supervisory Circuits
logo
Intersil Corporation
ISL705AEHVF INTERSIL-ISL705AEHVF Datasheet
1Mb / 19P
Rad-Hard, 5.0V/3.3V u-Processor Supervisory Circuits
March 30, 2012
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com