Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4210A Datasheet (PDF) - Maxim Integrated Products

MAX4210A Datasheet PDF - Maxim Integrated Products
Part # MAX4210A
Download  MAX4210A Download
File Size   309.2 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description MAX4210E Evaluation Kit

MAX4210A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4210A Datasheet PDF - Maxim Integrated Products

Part # MAX4210A
Download  MAX4210A Click to download

File Size   309.2 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description MAX4210E Evaluation Kit

MAX4210A Datasheet (HTML) - Maxim Integrated Products


MAX4210A Product details

General Description
The MAX4210/MAX4211 low-cost, low-power, high-side power/current monitors provide an analog output voltage proportional to the power consumed by a load by multiplying load current and source voltage. The MAX4210/MAX4211 measure load current by using a high-side current-sense amplifier, making them especially useful in battery-powered systems by not interfering with the ground path of the load.

Features
♦ Real-Time Current and Power Monitoring
♦ ±1.5% (max) Current-Sense Accuracy
♦ ±1.5% (max) Power-Sense Accuracy
♦ Two Uncommitted Comparators (MAX4211)
♦ 1.21V Reference Output (MAX4211)
♦ Three Current/Power Gain Options
♦ 100mV/150mV Current-Sense Full-Scale Voltage
♦ +4V to +28V Input Source Voltage Range
♦ +2.7V to +5.5V Power-Supply Voltage Range
♦ Low Supply Current: 380µA (MAX4210)
♦ 220kHz Bandwidth
♦ Small 6-Pin TDFN and 8-Pin µMAX Packages (MAX4210)

Applications
    Overpower Circuit Breakers
    Smart Battery Packs/Chargers
    Smart Peripheral Control
    Short-Circuit Protection
    Power-Supply Displays
    Measurement Instrumentation
    Baseband Analog Multipliers
    VGA Circuits
    Power-Level Detectors




Similar Part No. - MAX4210A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210AETT MAXIM-MAX4210AETT Datasheet
620Kb / 32P
High-Side Power and Current Monitors
Rev 0; 6/04
MAX4210AETT-T MAXIM-MAX4210AETT-T Datasheet
676Kb / 32P
High-Side Power and Current Monitors
Rev 1; 5/05
logo
Analog Devices
MAX4210AETT-T AD-MAX4210AETT-T Datasheet
675Kb / 32P
High-Side Power and Current Monitors
Rev 1 5/05
logo
Maxim Integrated Produc...
MAX4210AEUA MAXIM-MAX4210AEUA Datasheet
620Kb / 32P
High-Side Power and Current Monitors
Rev 0; 6/04
MAX4210AEUA MAXIM-MAX4210AEUA Datasheet
676Kb / 32P
High-Side Power and Current Monitors
Rev 1; 5/05
More results


Similar Description - MAX4210A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com