Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ5RS1 Datasheet (PDF) - Sharp Corporation

PQ5RS1 Datasheet PDF - Sharp Corporation
Part # PQ5RS1
Download  PQ5RS1 Download
File Size   13.94 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 0.15A Output, High Cost Performance Type Low Power-Loss Voltage Regulator

PQ5RS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ5RS1 Datasheet PDF - Sharp Corporation

Part # PQ5RS1
Download  PQ5RS1 Click to download

File Size   13.94 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 0.15A Output, High Cost Performance Type Low Power-Loss Voltage Regulator

PQ5RS1 Datasheet (HTML) - Sharp Corporation


PQ5RS1 Product details

0.15A Output, High Cost Performance Type Low Power-Loss Voltage Regulator (Built-in Reset Signal Generating Function)

General Description
Sharps PQ5RS1 series is 0.15A output, high cost performance type low power-loss voltage regulator with built-in reset signal generating function.
It is applicable to the malfunction prevention of microcomputers when power supplies of various electronic equipment(AV, OA equipment) are turned-on or out of order.

Features
(1) Built-in reset signal generating function
   (7 series of reset threshold voltage are available.)
(2) Low power-loss
   (Dropout voltage: MAX. 1.2V at Io=0.1A)
(3) Compact resin full-mold package(equivalent to TO-220)
(4) High precision output type
   (Output voltage precision: ±3.0%)
(5) Overcurrent protection, overheat protection function

Applications
(1) Power supplies for various electronic equipment such as AV, OA equipment




Similar Part No. - PQ5RS1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ5RS1 SHARP-PQ5RS1 Datasheet
18Kb / 1P
Low Power-Loss Voltage Regulator
PQ5RS1A SHARP-PQ5RS1A Datasheet
18Kb / 1P
Low Power-Loss Voltage Regulator
PQ5RS1B SHARP-PQ5RS1B Datasheet
18Kb / 1P
Low Power-Loss Voltage Regulator
PQ5RS1C SHARP-PQ5RS1C Datasheet
18Kb / 1P
Low Power-Loss Voltage Regulator
PQ5RS1D SHARP-PQ5RS1D Datasheet
18Kb / 1P
Low Power-Loss Voltage Regulator
More results


Similar Description - PQ5RS1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ3RD13 SHARP-PQ3RD13 Datasheet
20Kb / 2P
3.3V Output, High Cost Performance Low Power-Loss Voltage Regulator
PQ5TS1 SHARP-PQ5TS1 Datasheet
21Kb / 2P
0.15A Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ6RD083 SHARP-PQ6RD083 Datasheet
20Kb / 2P
High Cost Performance Type Low Power-Loss Voltage Regulator for Power Supply of CRT Display Heater
logo
Unisonic Technologies
RXXLD30 UTC-RXXLD30 Datasheet
104Kb / 9P
3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
2.0A Output Type Low Power-Loss Voltage Regulator
logo
Unisonic Technologies
RXXLD20 UTC-RXXLD20_12 Datasheet
358Kb / 10P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
RXXLD30 ETL-RXXLD30 Datasheet
110Kb / 9P
3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com