Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14521E Datasheet (PDF) - Maxim Integrated Products

MAX14521E Datasheet PDF - Maxim Integrated Products
Part # MAX14521E
Download  MAX14521E Download
File Size   403.63 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad, High-Voltage EL Lamp Driver with I2C Interface

MAX14521E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14521E Datasheet PDF - Maxim Integrated Products

Part # MAX14521E
Download  MAX14521E Click to download

File Size   403.63 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad, High-Voltage EL Lamp Driver with I2C Interface

MAX14521E Datasheet (HTML) - Maxim Integrated Products


MAX14521E Product details

General Description
The MAX14521E is a quad-output high-voltage DC-AC converter that drives four electroluminescent (EL) lamps. The device features a 2.7V to 5.5V input range that allows the device to accept a variety of voltage sources such as single-cell lithium-ion (Li+) batteries. The lamp outputs of the device generate up to 300VP-P for maximum lamp brightness. The high-voltage outputs are ESD protected up to ±15kV Human Body Model (HBM), ±6kV Contact Discharge, and ±8kV Air Gap Discharge, as specified in IEC 61000-4-2.
The MAX14521E uses a high-voltage full-bridge output stage to convert the high voltage generated by the boost converter to a sinusoidal output waveform. The MAX14521E utilizes a high-frequency spread-spectrum oscillator to reduce the amount of EMI/EFI generated by the boost-converter circuit.
The MAX14521E provides an I2C interface to set the boost converter and EL output switching frequencies through an 8-bit register and the peak output voltages with 5 bits of resolution. The MAX14521E also provides an adjustable automatic ramping feature that slowly increases or decreases the peak output voltage when a change is made to the output amplitude. The slew rate of the automatic ramp is set with 3 bits of resolution through the I2C interface and it is independent for each channel. The MAX14521E features an audio auxiliary input AUX that modulates the EL output voltage and frequency for dynamic lighting effects.
The MAX14521E is available in a small, 4mm x 4mm, 24-pin TQFN package, and specified over the extended -40°C to +85°C operating temperature range.

Features
♦ 300VP-P Maximum Output for Highest Brightness
♦ ESD-Protected EL Lamp Outputs
   ±15kV Human Body Model
   ±6kV IEC 61000-4-2 Contact ESD Protection
   ±8kV IEC 61000-4-2 Air Gap Discharge
♦ 2.7V to 5.5V Input Voltage Range
♦ I2C Interface for Control of Brightness, EL
   Frequency, Boost Frequency, Shape
♦ Sinusoidal Output for Low Audible Noise
♦ Individual Dimming Control
♦ Individually Adjustable Output Brightness Ramping Rate
♦ ±3% EL Output Frequency Accuracy for Truest EL Panel Color
♦ Audio Input for Dynamic Lighting Effects
♦ Spread-Spectrum Boost Converter
♦ 100nA Shutdown Current
♦ Space-Saving, 4mm x 4mm, 24-Pin TQFN Package

Applications
   Keypad Backlighting
   LCD Backlighting
   PDAs
   Smartphones
   Automotive Instruments Clusters




Similar Part No. - MAX14521E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14521EETG+ MAXIM-MAX14521EETG+ Datasheet
1Mb / 21P
Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 2; 1/15
MAX14521E MAXIM-MAX14521E_15 Datasheet
1Mb / 21P
Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 2; 1/15
More results


Similar Description - MAX14521E

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
logo
Maxim Integrated Produc...
MAX14521E MAXIM-MAX14521E_15 Datasheet
1Mb / 21P
Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 2; 1/15
logo
Supertex, Inc
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com