Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC850 Datasheet (PDF) - Diotec Semiconductor

BC850 Datasheet PDF - Diotec Semiconductor
Part # BC850
Download  BC850 Download
File Size   98.91 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount General Purpose Si-Epi-Planar Transistors

BC850 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC850 Datasheet PDF - Diotec Semiconductor

Part # BC850
Download  BC850 Click to download

File Size   98.91 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount General Purpose Si-Epi-Planar Transistors

BC850 Datasheet (HTML) - Diotec Semiconductor


BC850 Product details

• Power dissipation                     250 mW
• Plastic case                      SOT-23 (TO-236)
• Weight approx.                        0.01 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - BC850

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC850 PHILIPS-BC850 Datasheet
46Kb / 8P
NPN general purpose transistors
1999 Apr 08
logo
Fairchild Semiconductor
BC850 FAIRCHILD-BC850 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BC850 KEC-BC850 Datasheet
146Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Infineon Technologies A...
BC850 INFINEON-BC850 Datasheet
216Kb / 8P
NPN Silicon AF Transistors
Nov-20-2002
logo
Diotec Semiconductor
BC850 DIOTEC-BC850 Datasheet
186Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results


Similar Description - BC850

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT4403 DIOTEC-MMBT4403 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC817 DIOTEC-BC817_07 Datasheet
116Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BCW29 DIOTEC-BCW29_07 Datasheet
101Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BCW31 DIOTEC-BCW31_07 Datasheet
101Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BCP54 DIOTEC-BCP54_07 Datasheet
108Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC856W DIOTEC-BC856W_07 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC856 DIOTEC-BC856_11 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_07 Datasheet
111Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_15 Datasheet
108Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5551 DIOTEC-MMBT5551_15 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com