Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC73N Datasheet (PDF) - Motorola, Inc

MC74HC73N Datasheet PDF - Motorola, Inc
Part # MC74HC73N
Download  MC74HC73N Download
File Size   170.82 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Dual J-K Flip-Flop with Reset

MC74HC73N Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC73N Datasheet PDF - Motorola, Inc

Part # MC74HC73N
Download  MC74HC73N Click to download

File Size   170.82 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Dual J-K Flip-Flop with Reset

MC74HC73N Datasheet (HTML) - Motorola, Inc


MC74HC73N Product details

Dual J-K Flip-Flop with Reset
High–Performance Silicon–Gate CMOS

The MC74HC73 is identical in pinout to the LS73. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.
Each flip flop is negative–edge clocked and has an active–low asynchronous reset.
The MC74HC73 is identical in function to the HC107, but has a different pinout.

• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2 to 6 V
• Low Input Current: 1 µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard No. 7A
• Chip Complexity: 92 FETs or 23 Equivalent Gates




Similar Part No. - MC74HC73N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC74HC73 NXP-MC74HC73 Datasheet
607Kb / 28P
5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC74HC738-03AN MOTOROLA-MC74HC738-03AN Datasheet
235Kb / 7P
Octal 3-State Noninverting Transparent Latch
logo
ON Semiconductor
MC74HC73A ONSEMI-MC74HC73A Datasheet
160Kb / 9P
Dual J-K Flip-Flop with Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
MC74HC73A ONSEMI-MC74HC73A Datasheet
91Kb / 7P
Dual J-K Flip-Flop with Reset
January, 2016 ??Rev. 10
MC74HC73ADG ONSEMI-MC74HC73ADG Datasheet
160Kb / 9P
Dual J-K Flip-Flop with Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
More results


Similar Description - MC74HC73N

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC109 SLS-SL74HC109 Datasheet
47Kb / 5P
Dual J-K Flip-Flop with Set and Reset
SL74HC112 SLS-SL74HC112 Datasheet
49Kb / 6P
Dual J-K Flip-Flop with Set and Reset
logo
Intersil Corporation
CD54AC109 INTERSIL-CD54AC109 Datasheet
10Kb / 1P
Dual J-K Flip-Flop with Set and Reset
June 1997
CD54AC112 INTERSIL-CD54AC112 Datasheet
10Kb / 1P
Dual “J-K” Flip-Flop with Set and Reset
June 1997
logo
Integral Corp.
IN74HCT109 INTEGRAL-IN74HCT109 Datasheet
144Kb / 5P
DUAL J-K FLIP-FLOP WITH SET AND RESET
IN74ACT109 INTEGRAL-IN74ACT109 Datasheet
183Kb / 5P
DUAL J-K FLIP-FLOP WITH SET AND RESET
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
List of Unclassifed Man...
GD74HCT113 ETC1-GD74HCT113 Datasheet
256Kb / 6P
DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
Texas Instruments
CD54AC109 TI-CD54AC109 Datasheet
228Kb / 8P
Dual j-k Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC73A ONSEMI-MC74HC73A_16 Datasheet
91Kb / 7P
Dual J-K Flip-Flop with Reset
January, 2016 ??Rev. 10
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com