Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1084R Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM1084R Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM1084R
Download  LM1084R Download

File Size   255.28 Kbytes
Page   7 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)

LM1084R Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1084R Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM1084R
Download  LM1084R Click to download

File Size   255.28 Kbytes
Page   7 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)

LM1084R Datasheet (HTML) - HTC Korea TAEJIN Technology Co.

LM1084R Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1084R Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1084R Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1084R Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1084R Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1084R Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1084R Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co.

LM1084R Product details

DESCRIPTION
The LM1084 series of positive adjustable and fixed regulators are designed to provide 5A with high efficient.
All internal circuitry is designed to operate down to 1.3V input to output differential.
On-chip trimming adjusts the reference voltage to 1%.
Its low dropout voltage and fast transient response make it ideal for low voltage microprocessor applications.
Internal current and thermal limiting provides protection against any overload condition that would create excessive junction temperature.

FEATURES
● Output Current of 5A
● Fast Transient Response
● 0.04% Line Regulation
● 0.2% Load Regulation
● Internal Thermal and Current Limiting
● Adjustable or Fixed Output Voltage(1.5V, 1.8V, 2.5V, 3.3V, 5.0V)
● Surface Mount Package TO-263 3LD and TO-252 3L
● 100% Thermal Limit Burn-in
● Low Dropout Voltage 1.5V at 5A Output Current
● Moisture Sensitivity Level 3

APPLICATIONS
● High Efficiency Linear Regulators / Power Supply
● High Efficiency "Green" Computer Systems
● Constant Current Regulators
● Portable Instrumentation
● SMPS Post-Regulator
● Adjustable Power Supplies
● Powering VGA & Sound Card




Similar Part No. - LM1084R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Tiger Electronic Co.,Lt...
LM1084 TGS-LM1084 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Tiger Electronic Co.,Lt...
LM1084-15 TGS-LM1084-15 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
More results


Similar Description - LM1084R

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084_07 Datasheet
349Kb / 22P
   5A Low drop positive voltage regulator adjustable and fixed
logo
Linear Technology
LT138A LINER-LT138A_15 Datasheet
225Kb / 14P
   5A Positive Adjustable Voltage Regulator
logo
List of Unclassifed Man...
UA79HG ETC1-UA79HG Datasheet
253Kb / 4P
   5A NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Linear Technology
LT338A LINER-LT338A_15 Datasheet
225Kb / 14P
   5A Positive Adjustable Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com