Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2930TA Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM2930TA Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM2930TA
Download  LM2930TA Download
File Size   138.88 Kbytes
Page   4 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 100mA LOW DROPOUT VOLTAGE REGULATORS

LM2930TA Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2930TA Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM2930TA
Download  LM2930TA Click to download

File Size   138.88 Kbytes
Page   4 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 100mA LOW DROPOUT VOLTAGE REGULATORS

LM2930TA Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM2930TA Product details

PRODUCT DESCRIPTION
This series of fixed-voltage and adjustable monolithic micropower voltage regulators is designed for a wide range of applications. This device excellent coice for use in battery-powered application.
Futhermore, the quiescent current increases only slightly at dropout, which prolongs battery life.

FEATURES
● 3-Terminal regulators (TO-92)
● 100mA output within 2% over temperature
● Very low quiescent current
● Extremely tight load and line regulation
● Very low temperature coefficient
● Current and thermal limiting
● Unregulated DC input can withstand -20V reverse battery and +60V positive trabsients
● Moisture Sensitivity Level 3

APPLICATION
● High-efficiency linear regulator
● Battery powered systems
● Portable consumer equipment
● Portable / Parm, Desktop / Notebook computers
● Portable Instrumentation
● Automotive Electronics
● SMPS Post-Regulator




Similar Part No. - LM2930TA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2930T-5.0 NSC-LM2930T-5.0 Datasheet
251Kb / 8P
3-Terminal Positive Regulator
logo
Texas Instruments
LM2930T-5.0 TI-LM2930T-5.0 Datasheet
1Mb / 13P
3-Terminal Positive Regulator
LM2930T-5.0/NOPB TI-LM2930T-5.0/NOPB Datasheet
1Mb / 13P
3-Terminal Positive Regulator
logo
National Semiconductor ...
LM2930T-8.0 NSC-LM2930T-8.0 Datasheet
251Kb / 8P
3-Terminal Positive Regulator
logo
Texas Instruments
LM2930T-8.0 TI-LM2930T-8.0 Datasheet
1Mb / 13P
3-Terminal Positive Regulator
More results


Similar Description - LM2930TA

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
Dual, Low-Dropout, 100mA Linear Regulators
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
100mA Low Dropout Voltage Regulators
PL2951-XXQ8 CYSTEKEC-PL2951-XXQ8 Datasheet
209Kb / 5P
100mA Low Dropout Voltage Regulators
logo
Sipex Corporation
LP2950 SIPEX-LP2950_07 Datasheet
812Kb / 15P
100mA Low Dropout Voltage Regulators
logo
Linear Dimensions Semic...
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
100mA Low Dropout Voltage Regulators
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Maxim Integrated Produc...
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com